전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CFAG1602A-RGC-JP

  • AI
    ## Technical Overview: CFAG1602A-RGC-JP The **CFAG1602A-RGC-JP** is a character LCD module manufactured by Crystalfontz. It is a 16-character by 2-line display utilizing STN (Super-Twisted Nematic) technology with a Red/Green/Cyan (RGC) multi-color backlight. --- ### 1. Core Electronic Specifications The following table outlines the primary electrical characteristics required to drive the module: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Supply Voltage (VDD)** | 4.5V to 5.5V (Typical 5.0V) | Volts | | **Logic Current** | ~1.2mA to 3.0mA | mA | | **Interface Type** | 4-bit or 8-bit Parallel | - | | **Controller IC** | Sitronix ST7066U (or compatible) | - | | **Backlight Type** | LED (Red, Green, Cyan) | - | | **Operating Temp** | -20°C to +70°C | °C | --- ### 2. Pinout Configuration The module typically uses a standard 18-pin interface (16 standard pins + 2 additional for the multi-color backlight control). | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Power Supply (+5V) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus lines | | 15 | A (R) | Anode for Red LED | | 16 | A (G) | Anode for Green LED | | 17 | A (B/C) | Anode for Blue/Cyan LED | | 18 | K | Common Cathode for Backlight | --- ### 3. Key Electronic Components & Integration #### Controller (ST7066U) The "brain" of the module is the **ST7066U** controller. It is industry-standard and compatible with the HD44780 protocol. This allows the display to be used with standard libraries in environments like Arduino (`LiquidCrystal`), Raspberry Pi, or ESP32. #### Multi-Color Backlight (RGC) Unlike standard monochrome LCDs, this part features three separate LED circuits. * **Color Mixing:** By applying PWM (Pulse Width Modulation) to the three anode pins, you can mix the Red, Green, and Cyan elements to create custom colors or status indicators (e.g., Red for error, Green for OK). * **Current Limiting:** Each LED anode requires a current-limiting resistor to prevent burnout. #### Contrast Circuit (VO) Pin 3 (VO) requires a variable voltage, usually provided by a 10kΩ potentiometer connected between VDD and VSS. This adjusts the "liquid crystal drive voltage," making the characters visible against the background. --- ### 4. Basic Connection Logic (C++ Example) To initialize this module in an 8-bit mode using an Arduino-style logic: ```cpp #include // Initialize the library with the numbers of the interface pins // RS, E, D4, D5, D6, D7 (4-bit mode example) LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); lcd.print("System Ready"); // Backlight Pins (Example: Pin 9 for Red, 10 for Green) analogWrite(9, 255); // Full Red } ```
    ✨ Follow-up Questions
    • ⤷What are the specific resistor values recommended for the RGC backlight pins?
    • ⤷ Does the ST7066U controller support custom character generation?
    • ⤷ Can this module operate at 3.3V logic without a level shifter?