전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CFAG1602A-RMB-JP

  • AI
    The **CFAG1602A-RMB-JP** is a specific character LCD module manufactured by Crystalfontz. It is a 16x2 monochrome display known for its reliability in industrial and hobbyist applications. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Display Format** | 16 Characters x 2 Lines | | **Module Dimensions** | 80.0mm (W) x 36.0mm (H) | | **Controller Type** | Sitronix ST7066U (or compatible) | | **Backlight Type** | Blue LED Backlight | | **Fluid Type** | STN Negative, Blue | | **Voltage Supply** | 5V (Typical) | | **Interface** | 4-bit or 8-bit Parallel | --- ### 2. Electronic Component Breakdown The functionality of the module is defined by three primary electronic segments: #### A. The Controller (ST7066U) The "brain" of the module is the **ST7066U** dot-matrix LCD controller. * **Function:** It receives data from your microcontroller (like Arduino or ESP32) and converts it into the signals required to drive the LCD glass. * **Compatibility:** It is fully compatible with the industry-standard Hitachi HD44780 command set. * **Memory:** Includes internal CGROM (Character Generator ROM) containing standard fonts (including Japanese Katakana, as indicated by the "-JP" suffix). #### B. Pin Configuration (Interface) The module uses a standard 16-pin header for power and data: | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Supply Voltage (+5V) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (0=Command, 1=Data) | | 5 | R/W | Read/Write (usually tied to GND for Write) | | 6 | E | Enable signal (latching) | | 7-14 | DB0-DB7 | Data Bus (DB4-DB7 used for 4-bit mode) | | 15 | LED+ | Backlight Anode (+5V with resistor) | | 16 | LED- | Backlight Cathode (GND) | #### C. The Optical Engine (STN Negative Blue) * **STN (Super-Twisted Nematic):** Provides better contrast and wider viewing angles than standard TN displays. * **Negative Image:** The background is dark blue (when powered), and the characters appear as light/white because the backlight shines through them. --- ### 3. Implementation Example (Arduino) To use this part electronically, you connect it using the `LiquidCrystal` library. ```cpp #include // Initialize with Pin numbers: RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); lcd.print("CFAG1602A Test"); } void loop() { lcd.setCursor(0, 1); lcd.print("Active..."); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ST7066U and the HD44780 controller?
    • ⤷ How do I calculate the current-limiting resistor for the backlight LED?
    • ⤷ Does the -JP suffix mean it supports Kanji or just Katakana?