전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CFAG1602A-RMC-JP

  • AI
    The **CFAG1602A-RMC-JP** is a character Liquid Crystal Display (LCD) module manufactured by Crystalfontz. It is a 16x2 display (16 characters per row, 2 rows) known for its distinctive red background and white characters. Below is the technical breakdown of its electronic components and specifications. --- ## 1. Core Technical Specifications | Parameter | Specification | | :--- | :--- | | **Display Type** | STN Negative, Red, Transmissive | | **Format** | 16 Characters x 2 Lines | | **Built-in Controller** | Sitronix ST7066U (or equivalent HD44780 compatible) | | **Interface** | 4-bit or 8-bit Parallel | | **Backlight** | Red LED | | **Input Voltage (VDD)** | 5.0V (Typical) | --- ## 2. Electronic Interface (Pinout) The module uses a standard 16-pin interface. The pins handle power, contrast adjustment, data transmission, and backlight control. | Pin No. | Symbol | Function | Description | | :--- | :--- | :--- | :--- | | 1 | VSS | Ground | 0V | | 2 | VDD | Supply Voltage | +5.0V for Logic | | 3 | VO | Contrast Adj. | External variable resistor input | | 4 | RS | Register Select | High: Data; Low: Instruction | | 5 | R/W | Read/Write | High: Read; Low: Write | | 6 | E | Enable | Enable Signal (Falling edge trigger) | | 7-14 | DB0-DB7 | Data Bus | Bi-directional 8-bit Data Bus | | 15 | A (LED+) | Backlight Anode | Power for Red LED (+5V via resistor) | | 16 | K (LED-) | Backlight Cathode | Ground for Red LED | --- ## 3. The Controller (ST7066U) The "brain" of this module is the **ST7066U** dot-matrix LCD controller. It is a industry-standard chip that provides: * **Character Generator ROM (CGROM):** Contains the standard ASCII character set plus Japanese (Katakana) symbols, indicated by the `-JP` suffix in the part number. * **Character Generator RAM (CGRAM):** Allows the user to define up to 8 custom icons or symbols. * **Display Data RAM (DDRAM):** Stores the character codes displayed on the screen. --- ## 4. Key Electronic Characteristics ### Power Consumption * **Logic Current:** ~1.2mA to 2.0mA. * **Backlight Current:** Typically 100mA @ 5V. It is crucial to use a current-limiting resistor if one is not integrated on your driving board to prevent burning out the LEDs. ### Optical Characteristics Because this is a **Transmissive** display, the backlight must be turned **ON** to see the characters. In a powered-off state or without a backlight, the screen will appear very dark/black. --- ## 5. Typical Connection Diagram ```cpp // Example: Connecting to an Arduino (using LiquidCrystal library) // RS Pin to Digital 12 // Enable Pin to Digital 11 // D4, D5, D6, D7 to Digital 5, 4, 3, 2 #include const int rs = 12, en = 11, d4 = 5, d5 = 4, d6 = 3, d7 = 2; LiquidCrystal lcd(rs, en, d4, d5, d6, d7); void setup() { lcd.begin(16, 2); lcd.print("Hello, Red LCD!"); } void loop() {} ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the recommended value for the contrast adjustment potentiometer (VO)?
    • ⤷ How does the 'JP' version differ from the standard 'NYG' or 'YYH' versions?
    • ⤷ Can this display be operated at 3.3V logic?