전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CFAG1602A-RME-JP

  • AI
    The **CFAG1602A-RME-JP** is a 16x2 Character LCD module manufactured by Crystalfontz. It is a highly standard industrial display used for showing text and simple symbols. --- ## 1. Core Technical Specifications Below are the primary electronic and physical parameters for the module: | Parameter | Specification | | :--- | :--- | | **Display Type** | STN Negative, Blue, Transmissive | | **Character Format** | 16 Characters x 2 Lines | | **Controller** | Sitronix ST7066U (or equivalent) | | **Interface** | Parallel (4-bit or 8-bit) | | **Backlight** | White LED | | **Operating Voltage** | 5.0V (Typical) | | **Module Dimensions** | 80.0mm x 36.0mm | --- ## 2. Pin Configuration (Interface) The module uses a standard 16-pin interface. Understanding these pins is crucial for electronic integration. | Pin No. | Symbol | Function | Description | | :--- | :--- | :--- | :--- | | 1 | VSS | Ground | 0V | | 2 | VDD | Power Supply | +5.0V | | 3 | VO | Contrast | Contrast adjustment (usually via potentiometer) | | 4 | RS | Register Select | 0: Instruction, 1: Data | | 5 | R/W | Read/Write | 0: Write, 1: Read | | 6 | E | Enable | Enable signal (Falling edge trigger) | | 7-14 | DB0-DB7 | Data Bus | Bi-directional 8-bit data bus | | 15 | A | LED (+) | Backlight Anode (+5V) | | 16 | K | LED (-) | Backlight Cathode (GND) | --- ## 3. Electronic Architecture ### Controller: ST7066U The heart of this display is the **ST7066U** dot-matrix LCD controller. It includes: * **DDRAM (Display Data RAM):** Stores the character codes displayed on the screen. * **CGROM (Character Generator ROM):** Contains the font bitmaps (English/Japanese character sets for the -JP version). * **CGRAM (Character Generator RAM):** Allows the user to define up to 8 custom symbols or icons. ### Japanese Font Support The **-JP** suffix indicates that the internal CGROM includes Japanese Katakana characters in addition to the standard ASCII set. ### Backlight and Contrast * **Backlight:** The white LED backlight typically requires a current-limiting resistor if not integrated into the PCB. * **Contrast Circuit:** A 10kΩ potentiometer is usually connected between VDD and VSS, with the wiper connected to **VO** (Pin 3) to adjust visibility. --- ## 4. Connection Example (Arduino/Microcontroller) To drive this electronically, you can use the following logic in a 4-bit mode to save I/O pins: ```cpp #include // Initialize the library with the numbers of the interface pins // RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); lcd.print("Hello, Crystalfontz"); } void loop() { // Logic for updating display } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the white LED backlight?
    • ⤷ How do I calculate the resistor value for the VO contrast pin?
    • ⤷ Can this display be operated at 3.3V instead of 5V?