전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CFAH1602A-RBC-JP

  • AI
    ## CFAH1602A-RBC-JP Electronic Specifications The **CFAH1602A-RBC-JP** is a 16x2 Character LCD module manufactured by Crystalfontz. This specific model is known for its **Red** backlight and **STN Negative Blue** display technology, creating a high-contrast appearance with red characters on a dark blue/black background. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Display Format** | 16 Characters x 2 Lines | | **Controller** | Sitronix ST7066U (HD44780 compatible) | | **Interface** | 4-bit or 8-bit Parallel | | **Backlight Type** | LED (Red) | | **Display Mode** | STN Negative, Transmissive (Blue) | | **Supply Voltage ($V_{DD}$)** | 5.0V (Standard) | | **Logic Voltage ($V_{IO}$)** | 3.3V to 5.0V | | **Operating Temp** | -20°C to +70°C | --- ### 2. Pinout Configuration The module uses a standard 16-pin interface common to most character LCDs. | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Power Supply (+5V) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Low=Instruction, High=Data) | | 5 | R/W | Read/Write (Low=Write, High=Read) | | 6 | E | Enable Signal (Latch data on falling edge) | | 7-14 | DB0-DB7 | Data Bus (DB0-DB3 not used in 4-bit mode) | | 15 | LED+ | Backlight Anode (+5V via resistor) | | 16 | LED- | Backlight Cathode (Ground) | --- ### 3. Critical Electronic Notes #### A. Contrast Control ($V_O$) To make the text visible, Pin 3 ($V_O$) must be connected to a variable voltage. Usually, a **10kΩ potentiometer** is connected between $V_{DD}$ and $V_{SS}$, with the wiper connected to Pin 3. Adjusting this changes the liquid crystal driving voltage. #### B. Backlight Current Limiting While some versions of this board include an onboard resistor, it is standard practice to use an external resistor on Pin 15 ($LED+$) to prevent burning out the Red LEDs. * **Typical Forward Voltage ($V_f$):** ~2.1V to 2.5V (for Red LEDs). * **Max Current:** ~100mA (refer to the specific datasheet revision for exact limits). #### C. Controller Compatibility The integrated **ST7066U controller** is instruction-set compatible with the industry-standard **Hitachi HD44780**. This means it works out-of-the-box with the Arduino `LiquidCrystal` library. --- ### 4. Basic Connection Example (Arduino) ```cpp #include // initialize the library with the numbers of the interface pins // RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); lcd.print("Hello, Red LCD!"); } void loop() { // Cursor to column 0, line 1 lcd.setCursor(0, 1); lcd.print(millis() / 1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the Red LED backlight?
    • ⤷ How do I calculate the resistor value for Pin 15 if using a 5V supply?
    • ⤷ Does this module support custom character generation (CGRAM)?