전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CFUKF455KC4X-R0

  • AI
    ## Component Overview: CFUKF455KC4X-R0 The **CFUKF455KC4X-R0** is a high-performance **Ceramic Filter** manufactured by **Murata Manufacturing Co., Ltd.** It belongs to the **CFUKF series**, which are small, high-selectivity chip filters primarily used in intermediate frequency (IF) stages for telecommunications. --- ### 1. Technical Specifications The part number encodes specific electrical characteristics essential for RF design. | Parameter | Specification | | :--- | :--- | | **Center Frequency (fo)** | 455.0 kHz | | **Nominal Bandwidth (6dB)** | ±4.5 kHz (Total 9.0 kHz) | | **Stop Bandwidth (50dB)** | ±10.0 kHz | | **Insertion Loss** | 6.0 dB max | | **Ripple** | 2.0 dB max | | **Input/Output Impedance** | 1.5 kΩ | | **Operating Temperature** | -20°C to +80°C | --- ### 2. Key Features * **Surface Mount Device (SMD):** Designed for automated PCB assembly, reducing the physical footprint compared to leaded versions. * **High Selectivity:** The "KF" series utilizes specific piezoelectric ceramic elements that provide sharp cutoff characteristics, essential for separating adjacent channels. * **Low Profile:** The "F" in the series indicates a flat/thin package height, making it suitable for compact mobile devices. * **Stability:** High resistance to aging and temperature fluctuations, ensuring consistent signal processing. --- ### 3. Application Areas These filters are critical components in circuits where specific frequency signals must be isolated from noise or neighboring channels: 1. **Two-way Radios:** Used in walkie-talkies and emergency response communication systems. 2. **Pagers and Receivers:** Used in the IF stage of FM/AM receivers to improve audio clarity. 3. **Cordless Phones:** Helps in maintaining signal integrity between the base and the handset. 4. **Data Transmission:** Used in low-speed wireless data modems. --- ### 4. Typical Circuit Integration In a standard superheterodyne receiver, this filter is placed between the mixer and the detector. Because the input and output impedance is **1500 Ω**, matching resistors or transformers are often required if the surrounding circuitry operates at 50 Ω. ```c // Example Design Considerations - Impedance Matching: 1.5k Ohm required for flat response. - Grounding: Ensure solid ground plane to prevent signal bypass (leakage). - Reflow: Strictly follow Murata's SMD soldering profile to avoid cracking ceramics. ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the CFUKF455KC4X-R0?
    • ⤷ How does the 'KC4X' suffix specifically modify the filter's bandwidth compared to other models?
    • ⤷ Can this filter be used in modern digital SDR (Software Defined Radio) architectures?