AI

Based on the technical specifications for heat-shrinkable tubing in the **CGAT** series (specifically **CGAT-R-12**), here is a breakdown of its electronic properties and technical composition.
---
## 1. Overview of CGAT-R-12
**CGAT** is a high-performance, adhesive-lined, flexible polyolefin heat-shrinkable tubing. The "R" usually denotes a specific color or spooling standard, and "12" refers to the pre-shrink diameter in millimeters.
### Key Electronic Characteristics
| Property | Specification | Value/Effect |
| :--- | :--- | :--- |
| **Dielectric Strength** | ASTM D 2671 | $\ge$ 20 kV/mm |
| **Volume Resistivity** | ASTM D 2671 | $10^{12} \Omega \cdot cm$ (min) |
| **Voltage Rating** | Commercial/Industrial | 600V |
| **Corrosion Resistance** | Non-corrosive | Protects copper traces |
---
## 2. Technical Electronic Functions
The CGAT-R-12 serves three primary roles in electronic assemblies:
### A. Electrical Insulation
The polyolefin jacket acts as a primary insulator. With a dielectric strength of **20,000 volts per millimeter**, it prevents electrical arcing and short circuits even in high-density wiring environments.
### B. Environmental Sealing (Adhesive Lining)
The "R" series features an inner layer of **hot-melt adhesive**.
* **Moisture Barrier:** When heated, the adhesive melts and flows, creating a permanent, water-tight seal.
* **Corrosion Prevention:** It prevents oxidation of soldered joints or crimped terminals by blocking oxygen and moisture.
### C. Mechanical Strain Relief
In electronic connectors, the 3:1 shrink ratio allows the tubing to grip both the wire and the connector housing tightly, redistributing mechanical stress away from the delicate solder points.
---
## 3. Physical & Material Properties
These properties ensure the electronic components remain stable under thermal load.
* **Shrink Ratio:** 3:1 (Reduces from 12mm to approximately 4mm).
* **Operating Temperature:** $-55^{\circ}C$ to $+110^{\circ}C$.
* **Minimum Shrink Temp:** $+80^{\circ}C$.
* **Flammability:** The outer jacket is flame retardant (though the internal adhesive is not).
---
## 4. Typical Electronic Applications
* **Wire Splices:** Insulating butt-splices in automotive or marine wiring.
* **Backshell Sealing:** Providing a seal between a cable and a circular connector.
* **Breakouts:** Protecting the point where a cable jacket is stripped to expose individual conductors.
- ⤷
What is the chemical compatibility of CGAT-R-12 with industrial solvents?
- ⤷ How does the 3:1 shrink ratio compare to the standard 2:1 ratio for electronic applications?
- ⤷ Are there specific UL or MIL-spec certifications for this tubing?