전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CL-300-RSC-J-2

  • AI
    The **CL-300-RSC-J-2** is a specialized precision linear motor component, typically manufactured by **PBA Systems**. It belongs to a series of circular/curved linear motor modules used in high-end automation, robotics, and semiconductor manufacturing. Below is a breakdown of its electronic and electromechanical specifications. --- ## 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Motor Type** | Circular/Curved Ironless Linear Motor | | **Model Series** | CL (Circular Linear) | | **Coil Type** | RSC (Round Stationary Coil / Curved) | | **Winding Type** | J (Specific winding impedance/current rating) | | **Thermal Protection** | Integrated Thermistor (PTC or NTC) | | **Feedback System** | Analog or Digital Encoder (Dependent on assembly) | --- ## 2. Key Electronic Components ### A. The Motor Coil (Primary Part) The "CL" series utilizes an **ironless** design. * **Zero Cogging:** Because there is no iron core, there are no attractive forces between the coil and the magnets when the power is off, and no "rippling" effect during movement. * **Low Inductance:** This allows for extremely high acceleration and fast response times to current changes from the servo drive. ### B. Winding Configuration ("J" Designation) The "J" suffix typically refers to the **winding pattern**. * It dictates the **Back EMF constant ($K_e$)** and the **Force constant ($K_f$)**. * This specific winding is designed to match standard industrial bus voltages (e.g., 230VAC or 400VAC) and specific peak current requirements. ### C. Sensors and Protection 1. **Hall Effect Sensors:** Usually integrated to detect the magnetic field position for commutation (alignment of the current phases with the magnets). 2. **Thermal Sensors:** An internal sensor monitors the coil temperature. If the duty cycle is too high, it sends a signal to the controller to shut down the system before the insulation melts. --- ## 3. Electronic Integration Requirements To operate the CL-300-RSC-J-2, the following electronic infrastructure is required: ### Servo Drive Requirements * **Commutation:** Must support Sinusoidal commutation. * **Current Loop:** High-bandwidth current control is necessary to take advantage of the ironless motor's low inductance. * **Feedback:** Requires a linear or rotary encoder interface (usually BiSS-C, Renishaw, or 1Vpp Sin/Cos). ### Connection Pinout (Typical) | Pin Group | Function | | :--- | :--- | | **Phase U, V, W** | High voltage power supply to the coils. | | **PE** | Protective Earth / Ground. | | **Temp S** | Temperature sensor leads. | | **Hall / Vcc / Gnd** | Power and signals for commutation sensors. | --- ## 4. Application Context The "RSC" (Round) configuration indicates this is likely used in a **Circular Motor Gantry** or a **Pick-and-Place rotary table** where high precision and high speeds are required without the mechanical backlash of traditional gearboxes or belts. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Current) for the 'J' winding type?
    • ⤷ How do I calibrate the Hall sensors for this specific linear motor?
    • ⤷ What type of servo drive is recommended for PBA Systems CL series motors?