AI

The **CM453232-R10** is a specific surface-mount (SMD) wire-wound chip inductor commonly used in radio frequency (RF) and signal processing applications.
---
### ## Technical Specifications
The part number follows a standard industry convention, typically associated with manufacturers like **Bourns** or **TDK**. Below is the technical breakdown:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.10 µH (indicated by "R10") |
| **Tolerance** | ±10% or ±20% (depending on the suffix, e.g., 'K' or 'M') |
| **Package Size** | 1812 (4.5mm x 3.2mm x 3.2mm) |
| **DC Resistance (DCR)** | ~0.13 Ω to 0.44 Ω (Max) |
| **Rated Current** | ~450 mA to 800 mA |
| **Self-Resonant Frequency (SRF)** | > 400 MHz |
| **Core Material** | Ferrite |
---
### ### Part Number Breakdown
Understanding the nomenclature helps in identifying equivalent parts:
* **CM**: Chip Molded (indicates a molded wire-wound construction).
* **453232**: Represents the dimensions in millimeters ($4.5 \times 3.2 \times 3.2$ mm). In the imperial system, this is an **1812** package.
* **R10**: The inductance value. "R" acts as the decimal point ($0.10$). If it were $1R0$, it would be $1.0$ µH.
---
### ### Key Features & Construction
1. **Wire-Wound Core:** Unlike multilayer inductors, this uses a copper wire wrapped around a ferrite core. This provides a higher **Q-factor** (quality factor) and better current handling.
2. **Molded Encapsulation:** The "M" in the prefix usually denotes a molded resin body, which protects the internal windings from mechanical stress, moisture, and vibration.
3. **High Frequency Stability:** Because the inductance is low (0.10 µH), it is optimized for high-frequency performance and maintains stability across a wide temperature range.
---
### ### Common Applications
* **RF Circuits:** Used in impedance matching and resonance circuits for communication equipment.
* **Filtering:** Acting as a low-pass filter to block high-frequency noise in power supply lines.
* **Signal Decoupling:** Preventing cross-talk between different stages of a high-speed circuit.
---
### ### Example Schematic Representation
In a basic circuit diagram, the component is represented as an inductor ($L$):
```spice
* Simple Low Pass Filter Example
Vin 1 0 AC 1
L1 1 2 0.10uH ; The CM453232-R10 Inductor
C1 2 0 10nF
Rload 2 0 50
```
- ⤷
What are the main differences between a wire-wound and a multilayer chip inductor?
- ⤷ How do I calculate the resonant frequency for a circuit using this inductor?
- ⤷ What is the significance of the Q-factor in RF applications?