전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CMFNON-MAGNETIC

  • AI
    ### Overview of Non-Magnetic Electronic Components (CMF) In electronics, **CMF** (often referring to **Coated Metal Film** or specific series of resistors) becomes critical when high precision or interference-free environments are required. Standard electronic components often contain ferrous materials (like iron, nickel, or cobalt) in their leads, end caps, or film layers. **Non-magnetic components** are specifically engineered to eliminate these materials to prevent magnetic field distortion. --- ### Why Non-Magnetic Parts are Necessary Non-magnetic components are essential in environments where a magnetic field is either being measured or used for imaging. | Application | Reason for Using Non-Magnetic Parts | | :--- | :--- | | **MRI Machines** | Magnetic materials can be pulled by the magnet or create "artifacts" (distortions) in medical images. | | **Audio Equipment** | Eliminates "magnetic distortion" and signal coloring, leading to a purer sound stage. | | **Aerospace/Navigation** | Prevents interference with sensitive onboard compasses and magnetometers. | | **Laboratory Gear** | Used in mass spectrometers and electron microscopes where stray fields ruin measurements. | --- ### Anatomy of a CMF Non-Magnetic Resistor Standard metal film resistors typically use steel end caps. A non-magnetic CMF resistor replaces these with high-quality alloys. 1. **Resistive Element:** Usually a thin film of Metal Oxide or a proprietary alloy deposited on a ceramic core. 2. **End Caps:** Instead of nickel/steel, these use **non-magnetic Copper (Cu)** or brass. 3. **Leads:** Made of **Oxygen-Free High Conductivity (OFHC) Copper** or solid copper instead of copper-clad steel. 4. **Plating:** Finished with gold, silver, or pure tin (avoiding the common nickel barrier layer). --- ### Technical Specifications When sourcing these parts (such as the Vishay Dale CMF Non-Magnetic series), look for these typical parameters: | Feature | Specification Detail | | :--- | :--- | | **Magnetic Permeability** | $\mu < 1.0005$ (Near-zero magnetic attraction) | | **Temperature Coefficient** | Often as low as $\pm 5$ to $\pm 25$ ppm/°C | | **Voltage Rating** | Range from 200V to 500V depending on size | | **Tolerance** | Highly precise, typically $0.1\%$ to $1\%$ | --- ### Visual Comparison: Standard vs. Non-Magnetic ```text Standard Resistor Structure: [Steel Cap] -- [Ni-Cr Film on Ceramic] -- [Steel Cap] | | [Copper-Clad Steel Lead] [Copper-Clad Steel Lead] Non-Magnetic (CMF) Structure: [Copper Cap] -- [Special Alloy Film] -- [Copper Cap] | | [Solid Copper Lead] [Solid Copper Lead] ``` --- ### Identification Tip Non-magnetic components are often tested using a powerful **Neodymium magnet**. If the component shows even the slightest physical attraction to the magnet, it is not a true non-magnetic part and should not be used in MRI or high-end RF shielding environments.
    ✨ Follow-up Questions
    • ⤷ What are the most common brands that manufacture CMF non-magnetic resistors?
    • ⤷ Can non-magnetic components improve the performance of high-end audio amplifiers?
    • ⤷ How does the absence of a nickel barrier affect the soldering process for these parts?