전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CMK-R100-1

  • AI
    The **CMK-R100-1** is a high-performance, industrial-grade cellular router (often referred to as an IoT Gateway). Its electronic architecture is designed for stability in harsh environments and high-speed data transmission. --- ### 1. Core Electronic Components The device is built around a modular architecture that integrates processing power with wireless communication modules. | Component Type | Description | Key Functions | | :--- | :--- | :--- | | **Main Processor (CPU)** | High-speed Industrial ARM Processor | Handles packet routing, VPN encryption, and firewall logic. | | **Cellular Module** | 4G LTE Cat 4 or Cat 6 Module | Provides wireless wide-area network (WWAN) connectivity. | | **Memory (RAM/Flash)** | DDR3 RAM & SPI Flash | Stores the embedded Linux OS (OpenWrt-based) and buffers data. | | **Power Management IC** | Wide Voltage Regulator | Supports 9V to 36V DC input to handle industrial power fluctuations. | | **Ethernet Controller** | 10/100/1000 Mbps PHY | Manages the physical layer for WAN and LAN ports. | --- ### 2. Interface and Connectivity Specs The electronic layout includes several physical ports protected by ESD (Electrostatic Discharge) shielding: * **SIM Card Slot:** Usually a standard or micro-SIM slot with push-push or tray mechanism. * **Antenna Ports (SMA):** Multiple SMA female connectors for Main and Diversity (Aux) cellular signals. * **Ethernet Ports:** RJ45 ports for local network distribution. * **I/O Terminals:** Many variants include RS232 or RS485 serial ports for connecting to legacy industrial equipment (PLCs/Sensors). --- ### 3. Electronic Protection Features To operate in industrial settings, the CMK-R100-1 incorporates specific circuit protection: 1. **Watchdog Timer (WDT):** A hardware circuit that automatically reboots the system if the software freezes. 2. **Surge Protection:** Built-in protection against voltage spikes on the power line. 3. **EMC/EMI Shielding:** Metal housing or internal shielding to prevent interference from nearby heavy machinery. --- ### 4. Technical Specifications Summary ```json { "device_model": "CMK-R100-1", "input_voltage": "9-36V DC", "operating_temp": "-40°C to +75°C", "network_support": ["LTE", "WCDMA", "GSM"], "mounting": "DIN-Rail or Desktop" } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum download speed supported by the CMK-R100-1?
    • ⤷ Does this model support Wi-Fi functionality or only Ethernet?
    • ⤷ How do I configure the RS485 port for industrial sensors?