전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CMLE041B-R33MS

  • AI
    ## Analysis of CMLE041B-R33MS Electronic Component The **CMLE041B-R33MS** is a high-performance **Power Inductor** (specifically a Surface Mount Device or SMD) manufactured by **Cyntec**. It belongs to a category of molded power chokes designed for high-density power applications. --- ### 1. Key Technical Specifications The part number encodes specific electrical and physical characteristics. Here is the breakdown: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 041B (approx. 4.0 x 4.0 x 1.2 mm) | | **Core Material** | Carbonyl Iron / Metal Alloy (Molded) | | **DCR (DC Resistance)** | Typical: ~9.5 mΩ | | **Saturation Current ($I_{sat}$)** | ~11.5A to 13A (depending on temp rise) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Physical Construction The **CMLE** series features a **Molded Structure**. - **Magnetic Shielding:** The metal powder core encapsulates the coil, providing excellent EMI (Electromagnetic Interference) shielding. - **Low Profile:** The "1B" designation usually refers to a height of roughly 1.0mm to 1.2mm, making it ideal for thin mobile devices. - **Robustness:** Molded inductors are highly resistant to mechanical shock and vibration compared to traditional ferrite drum cores. --- ### 3. Common Applications Due to its high current handling and low DC resistance, the CMLE041B-R33MS is typically found in: * **DC/DC Converters:** Used in Point-of-Load (POL) power supplies. * **Mobile Electronics:** Smartphones, tablets, and wearable tech. * **Laptops:** Power rails for CPUs and GPUs where space is limited. * **High-frequency switching:** Suitable for power supplies operating in the MHz range. --- ### 4. Part Number Decoding ```text CMLE 041B - R33 M S | | | | | | | | | +-- Internal Code (S) | | | +---- Tolerance (M = ±20%) | | +------- Inductance (R33 = 0.33µH) | +-------------- Dimensions (041B ≈ 4.0x4.0x1.2mm) +------------------- Series Name (Cyntec Molded Low profile High Efficiency) ``` --- ### 5. Performance Advantages * **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply at high currents, this metal alloy inductor exhibits a gradual "soft" saturation curve. * **Low Buzz Noise:** The molded construction minimizes magnetostriction noise (audible whining). * **Efficiency:** Very low DCR helps reduce power loss and heat generation during operation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CMLE041B series?
    • ⤷ How does the 'soft saturation' of this inductor benefit a DC/DC converter circuit?
    • ⤷ What are the footprint dimensions for PCB layout of this component?