전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CMP04FS

  • AI
    ## Overview of the CMP04FS The **CMP04FS** is a high-precision, low-power **quad voltage comparator** manufactured by Analog Devices. It is designed to operate from a single power supply and is widely used in applications requiring multiple comparisons with minimal board space and power consumption. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Comparators** | 4 (Quad) | | **Supply Voltage (Single)** | +3.3V to +36V | | **Supply Voltage (Dual)** | ±1.65V to ±18V | | **Low Supply Current** | ~2 mA (Total for all four) | | **Input Offset Voltage** | 1 mV (Typical) | | **Response Time** | 1.3 μs (at 100mV overdrive) | | **Output Type** | Open Collector | | **Package Type** | SOIC-14 (FS suffix) | --- ### 2. Functional Electronic Parts The internal circuitry of the CMP04FS consists of several critical stages: #### A. Input Stage * **Differential Pair:** Uses high-gain transistors to sense the difference between the Inverting (-) and Non-Inverting (+) inputs. * **Common-Mode Range:** The input stage is designed to include ground (0V) even when operating from a single supply, making it ideal for low-side sensing. #### B. Gain Stage * This internal section amplifies the small voltage difference from the input to ensure a sharp transition between logic states (High/Low). #### C. Output Stage (Open Collector) * The CMP04FS utilizes an **Open Collector** output configuration. * **Requirement:** It requires an external **pull-up resistor** to function. * **Benefit:** This allows for "Wired-OR" logic connections and enables the output to interface with different logic levels (e.g., interfacing a 12V comparator circuit with a 5V microcontroller). --- ### 3. Pin Configuration (SOIC-14) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 13, 14 | **Outputs** | Open collector outputs for Comparators 1-4 | | 3 | **V+** | Positive Supply | | 4, 6, 8, 10 | **Inverting (-)** | Negative inputs for Comparators 1-4 | | 5, 7, 9, 11 | **Non-Inverting (+)** | Positive inputs for Comparators 1-4 | | 12 | **V- / GND** | Negative Supply or Ground | --- ### 4. Common Applications * **Limit Comparators:** Checking if a voltage is within a specific window. * **ADC Building Blocks:** Simple 1-bit quantization. * **Clock/Square Wave Generators:** Converting sine waves or triangular waves into square pulses. * **Battery Monitors:** Detecting low-voltage conditions in portable electronics. --- ### 5. Design Considerations 1. **Hysteresis:** Since the CMP04 is a high-gain device, it is susceptible to oscillation if the input signal is noisy or changes slowly. Adding a large-value resistor between the output and the non-inverting input (Positive Feedback) is recommended to add hysteresis. 2. **Bypass Capacitors:** A 0.1 μF ceramic capacitor should be placed close to the V+ pin to filter power supply noise. 3. **Pull-up Resistor Value:** Usually ranges between $1k\Omega$ and $10k\Omega$. A lower value provides faster switching but consumes more power when the output is Low.
    ✨ Follow-up Questions
    • ⤷ How does the CMP04FS compare to the industry standard LM339?
    • ⤷ Can you provide a basic schematic for adding hysteresis to the CMP04FS?
    • ⤷ What are the specific advantages of an open-collector output in this IC?