CMT4-5-R
AI

## Analysis of CMT4-5-R (Common Mode Choke)
The **CMT4-5-R** is a high-performance, through-hole **Common Mode Choke** manufactured by Eaton (formerly Bussmann/Coiltronics). It is primarily designed to suppress electromagnetic interference (EMI) and noise in power supply applications.
---
### 1. Technical Specifications
The following table highlights the key electrical and physical characteristics of the CMT4-5-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 15.0 mH (Minimum) |
| **Rated Current** | 1.8 Amps |
| **DC Resistance (DCR)** | 0.180 Ohms (Max per winding) |
| **Voltage Rating** | 250 VAC |
| **Dielectric Strength** | 1500 VAC (Winding to Winding) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Through-Hole (Vertical Mount) |
---
### 2. Functional Role in Electronics
Common mode chokes like the CMT4-5-R are used to filter out noise that is common to two or more lines (usually the "Line" and "Neutral" of an AC power source).
* **Noise Suppression:** It provides high impedance against high-frequency noise while allowing the desired low-frequency power currents to pass with minimal resistance.
* **Safety & Compliance:** It helps electronic devices meet EMI/RFI standards (such as FCC or CISPR) by preventing electrical noise from leaking back into the power grid.
* **Dual Winding:** It consists of two identical coils wound on a single toroidal core. The magnetic fields produced by the differential (useful) currents cancel out, while the magnetic fields for common-mode (noise) currents add up, providing the filtering effect.
---
### 3. Physical Configuration and Pinout
The "4" in the series usually refers to the physical size/frame, and the "R" indicates that the part is **RoHS Compliant**.
```text
Pin Configuration (Typical):
[1] ○-------( )-------○ [4] (Winding A)
Core
[2] ○-------( )-------○ [3] (Winding B)
* Pin 1 & 2 are usually Input
* Pin 3 & 4 are usually Output
```
---
### 4. Common Applications
* **Switch Mode Power Supplies (SMPS):** Used in the input stage to clean incoming AC power.
* **Industrial Electronics:** Protecting sensitive sensors from motor drive noise.
* **Consumer Appliances:** Used in washing machines, refrigerators, and chargers.
* **Telecommunications:** Filtering DC power lines in base stations.
---
- ⤷What is the difference between a common mode choke and a differential mode choke?
- ⤷ How do I calculate the required inductance for an EMI filter?
- ⤷ What are the physical dimensions of the CMT4 size frame?