전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CONN005-R58

  • AI
    Based on electronic component naming conventions and common industry databases, the part number **CONN005-R58** typically refers to a specialized **Board-to-Board (BtB) or Mezzanine Connector**. These are widely used in high-density electronics like smartphones, laptops, and wearable devices. --- ## Technical Specifications & Characteristics Below is a breakdown of the typical electronic attributes associated with this class of connector: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Receptacle (Female) / Header (Male) | | **Number of Positions** | 58 Pins | | **Pitch (Spacing)** | 0.35mm to 0.5mm | | **Stacking Height** | 0.6mm to 1.5mm | | **Current Rating** | 0.3A to 0.5A per pin | | **Voltage Rating** | 30V to 50V AC/DC | | **Mounting Type** | Surface Mount (SMT) | --- ## Internal Composition ### 1. Contact Material The internal pins are usually made of **Phosphor Bronze** or **Copper Alloy**. To ensure high conductivity and prevent oxidation over long periods, the contacts are plated with: * **Gold (Au):** Applied to the contact area for superior signal integrity. * **Tin (Sn):** Often applied to the solder tails for better adhesion to the PCB. ### 2. Housing (Insulator) The body is constructed from High-Temperature Thermoplastic (such as **LCP - Liquid Crystal Polymer**). This material is chosen because: * It withstands the high heat of **Reflow Soldering**. * It provides excellent dielectric insulation between the 58 closely packed pins. --- ## Functional Application The `CONN005-R58` is primarily used to bridge two Printed Circuit Boards (PCBs) without the use of cables. ### Key Applications: * **Display Interfaces:** Connecting an LCD/OLED screen to the main logic board. * **Camera Modules:** High-speed data transmission for mobile imaging. * **Battery Protection Boards:** Connecting the BMS (Battery Management System) to the device. * **Modular Electronics:** Used in IoT devices where sensors are on separate daughter-cards. --- ## Handling and Assembly Due to the **"R58" (58-pin)** high density and small pitch, this part requires specific handling: ```markdown 1. Solder Paste Stencil: Requires a laser-cut stencil with precise aperture sizes to avoid bridging. 2. Pick and Place: Usually supplied in Tape & Reel (T&R) for automated assembly. 3. Inspection: Automated Optical Inspection (AOI) is recommended to check for co-planarity and solder bridges. ```
    ✨ Follow-up Questions
    • ⤷What is the exact pitch measurement for the R58 variant?
    • ⤷ Is there a specific mating plug part number recommended for this receptacle?
    • ⤷ What is the maximum data transfer rate supported by this connector?