전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CP-R22

  • AI
    The **CP-R22** is a specific electronic component, most commonly identified as a **high-precision, high-stability NTC (Negative Temperature Coefficient) Thermistor** or a specialized **overcurrent protection resistor**, depending on the specific manufacturer (such as COPAL or similar industrial electronic brands). Below is a breakdown of the electronic characteristics and specifications typical for components in this series. --- ### 1. Technical Specifications Components labeled under the R22 designation usually follow these standard parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Resistance** | 0.22 $\Omega$ (R22) | The "R" acts as a decimal point. | | **Tolerance** | ±1% to ±5% | Precision level of the resistance. | | **Power Rating** | 1W - 5W | Depends on the physical package size. | | **Type** | Fixed Resistor / Shunt | Often used for current sensing. | | **Material** | Metal Strip or Wirewound | Designed for high heat dissipation. | --- ### 2. Key Electronic Features The CP-R22 is engineered for specific performance in power electronic circuits: * **Current Sensing:** Because of its very low resistance (0.22 Ohms), it is frequently used as a "Shunt Resistor." It allows the circuit to measure current by monitoring the voltage drop across the resistor ($V = I \times R$). * **Low Inductance:** Typically designed with non-inductive winding or metal film to prevent interference in high-frequency switching power supplies. * **Temperature Stability:** Features a low Temperature Coefficient of Resistance (TCR), meaning the resistance value does not change significantly as the part heats up. * **Flameproof Coating:** Most industrial versions (CP series) are coated with UL-grade flame retardant material for safety during failure modes. --- ### 3. Common Applications In a circuit diagram, you will find the CP-R22 in the following sections: 1. **Switch Mode Power Supplies (SMPS):** Used on the output stage to monitor current load. 2. **Motor Controllers:** Acts as a feedback sensor to prevent motor stalls or overcurrent damage. 3. **Battery Management Systems (BMS):** Monitors the charging and discharging current of lithium-ion cells. 4. **DC-DC Converters:** Provides a reference point for voltage regulation. --- ### 4. Identification Code To read the part number: * **CP:** Often refers to the series (e.g., Cement Power or Coated Precision). * **R22:** The resistance value. * `R` = Decimal point. * `22` = Numerical value. * Result: **0.22 $\Omega$**
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the CP-R22 in your specific application?
    • ⤷ Are you looking for a replacement equivalent or the datasheet for a specific manufacturer?
    • ⤷ Is this part being used in a power supply or a motor control circuit?