전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CP-RJ

  • AI
    The term **CP-RJ** typically refers to components associated with **RJ (Registered Jack)** connectors, particularly those used in **CP (Central Processor)** modules or industrial control panels. These components are essential for telecommunications, networking, and data transmission between electronic control units. ### 1. Core Components of CP-RJ Assemblies Below is a breakdown of the primary electronic parts found in an RJ-type connection interface (like RJ45 or RJ11) used in central processing hardware: | Component | Description | Function | | :--- | :--- | :--- | | **Modular Jack** | The female socket (port). | Provides the physical interface for the cable. | | **Magnetics (MagJack)** | Built-in transformers and filters. | Provides galvanic isolation and EMI suppression. | | **Gold-Plated Pins** | Phosphor bronze contacts with gold plating. | Ensures high conductivity and corrosion resistance. | | **LED Indicators** | Usually Green (Link) and Amber (Activity). | Visual diagnostic for connection status. | | **Shielding** | Metal casing (usually Nickel-plated copper). | Protects against Electromagnetic Interference (EMI). | --- ### 2. Technical Specifications When dealing with CP-RJ electronic parts, the following technical parameters are critical for compatibility and performance: #### Electrical Characteristics * **Voltage Rating:** Typically 125V AC to 150V AC. * **Current Rating:** Usually 1.0A to 1.5A per contact. * **Contact Resistance:** $\leq 30 m\Omega$. * **Insulation Resistance:** $\geq 500 M\Omega$ (at 500V DC). #### Signal Integrity Features 1. **Crosstalk Compensation:** Specialized internal lead frames minimize signal leakage between pairs. 2. **Impedance Matching:** Designed to match 100-ohm twisted pair cabling to prevent signal reflections. --- ### 3. Common Applications in Control Systems In the context of a **CP (Central Processor)**, the RJ-interface serves several roles: * **Ethernet Communication:** Used for Modbus TCP/IP, PROFINET, or standard LAN connectivity. * **Serial Interface:** Using RJ45 ports for RS-232 or RS-485 communication protocols. * **PoE (Power over Ethernet):** Delivering power to peripheral devices directly through the data pins. ### 4. Integration Example (Schematic Level) ```cpp // Typical Pinout for an RJ45 (CP-Ethernet) Connector Pin 1: TX+ (Transmit Data Plus) Pin 2: TX- (Transmit Data Minus) Pin 3: RX+ (Receive Data Plus) Pin 4: Reserved / Power Pin 5: Reserved / Power Pin 6: RX- (Receive Data Minus) Pin 7: Reserved Pin 8: Reserved ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard RJ45 and a MagJack in CP modules?
    • ⤷ How does shielding impact data transmission in industrial RJ connectors?
    • ⤷ What are the pinout differences when using RJ45 for RS-485 communication?