CPCI-R3915T
AI

The **CPCI-R3915T** is a high-performance, 3U CompactPCI (CPCI) Rear Transition Module (RTM) designed specifically to complement the **CPCI-3915** series CPU boards. It serves as an interface bridge, routing I/O signals from the backplane to physical connectors at the rear of the chassis.
---
### ## Key Electronic Specifications
The board is characterized by its high-density connectivity and adherence to industrial ruggedness standards.
| Component / Feature | Description |
| :--- | :--- |
| **Form Factor** | 3U CompactPCI (Standard 100mm x 160mm) |
| **Interface Standard** | PICMG 2.0 / PICMG 2.3 (PMC/XMC I/O) |
| **Power Consumption** | Low power (Passive design; powered by the host CPU card) |
| **Operating Temp** | -20°C to +70°C (Extended range versions available) |
| **Compatibility** | Exclusively designed for the ADLINK CPCI-3915 Host Board |
---
### ### Core Electronic Subsystems
#### 1. Signal Routing and Connectivity
The electronic architecture focuses on high-speed signal integrity to prevent data loss across the backplane. It breaks out the following interfaces:
* **Video:** Typically includes a VGA or DVI-D port via a high-density connector.
* **Network:** 10/100/1000Mbps Ethernet ports (RJ-45) utilizing high-speed differential pairs.
* **Storage:** SATA interfaces (standard 7-pin) for connecting rear-mounted SSDs or HDDs.
* **Peripherals:** USB 2.0/3.0 ports and RS-232/422/485 Serial ports.
#### 2. Protection and Filtering
To ensure industrial reliability, the PCB incorporates:
* **ESD Protection:** TVS (Transient Voltage Suppressor) diodes on all external I/O pins (USB/Ethernet) to protect against static discharge.
* **Ferrite Beads:** Used to reduce Electromagnetic Interference (EMI) on high-speed data lines.
* **Coupling Capacitors:** Placed on SATA and Ethernet lines to manage DC blocking and signal filtering.
#### 3. Power Distribution
While the RTM is largely passive, it contains power rails derived from the host board via the **J2 backplane connector**:
* **3.3V / 5V Rails:** Distributed to power USB devices and active signaling chips (if present).
* **Fused Circuits:** Many versions include resettable fuses (PTCs) on USB power lines to prevent short-circuits from damaging the main CPU.
---
### ### Typical Rear Panel I/O Layout
```text
[ VGA / DVI ] <-- Video Output
[ USB 1 ] <-- Peripheral Interface
[ USB 2 ]
[ LAN 1 ] <-- RJ45 Ethernet
[ COM 1 ] <-- DB9 or RJ45 Serial
```
---
### ### Summary of Usage
The CPCI-R3915T is critical for systems where front-panel cabling is prohibited or where hot-swappability of the main CPU is required without disconnecting field wiring. It acts as a passive electronic extension, ensuring that all high-speed signals from the Intel processor on the main board reach the external world without degradation.
- ⤷
What is the difference between the CPCI-R3915T and the R3915 (non-T) version?
- ⤷ Can this RTM be used with CPU boards from other manufacturers?
- ⤷ Does the board support hot-swapping under the PICMG 2.1 standard?