전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CPCI-R3P00

  • AI
    The **CPCI-R3P00** is a specific type of Rear Transition Module (RTM) designed for CompactPCI (cPCI) systems. These components are critical in high-availability environments like telecommunications, industrial automation, and military computing. ### 1. Overview of the CPCI-R3P00 The CPCI-R3P00 acts as a bridge, routing I/O signals from a front-mounted processor or carrier board to the rear of a chassis. This allows for easier cable management and prevents the front panel from becoming cluttered. --- ### 2. Key Electronic Components and Features | Component Category | Description | | :--- | :--- | | **Form Factor** | 3U CompactPCI (Standard 100mm x 160mm). | | **Connectors (Rear)** | Typically features specialized high-density connectors (e.g., SCSI, Serial, or Ethernet) depending on the specific revision. | | **Interface (Backplane)** | Uses J1/J2 metric connectors to interface with the front-side CPU board through the midplane. | | **Passive Circuitry** | Includes decoupling capacitors for noise reduction and resistors for signal termination. | | **Hot Swap Support** | Integrated circuitry to support "Hot Swap" functionality, allowing the board to be removed without powering down the system. | --- ### 3. Electronic Architecture The electronic design of the CPCI-R3P00 is generally "passive" or "semi-passive," meaning it does not contain a primary CPU but rather manages signal integrity and physical routing. #### Signal Routing * **Differential Pairs:** The PCB layout is designed with controlled impedance to handle high-speed data signals without loss. * **Power Distribution:** It pulls power from the backplane (usually +3.3V, +5V, and +12V) to power local status LEDs or small logic ICs. #### I/O Mapping The board typically maps the following signals from the front board to the rear panel: 1. **Serial Ports:** RS-232 or RS-422/485. 2. **Storage Interfaces:** SATA or PATA routing for rear-mounted drives. 3. **USB/Ethernet:** Extension of the controller ports from the main processor. --- ### 4. Technical Specifications Summary ```yaml Standard: PICMG 2.0 / 2.11 Slot Width: Single slot (4HP) Operating Temp: -20°C to +70°C (Standard Industrial) Signal Integrity: EMI/EMC shielded gaskets on the front plate ``` ---
    ✨ Follow-up Questions
    • ⤷ Which front-board processors are compatible with the CPCI-R3P00?
    • ⤷ What are the specific pinout configurations for the J1 and J2 connectors on this module?
    • ⤷ Does the CPCI-R3P00 support IPMI for remote management?