CRE23T2PBYNE
AI

The **CRE23T2PBYNE** is a specialized electronic component, typically categorized as a **Thin Film Chip Resistor** or a **Current Sense Resistor**, often utilized in automotive and high-precision industrial applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. General Specifications
The part number follows a specific nomenclature used by manufacturers (such as ROHM or similar precision resistor producers).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Current Sense Chip Resistor |
| **Construction** | Metal Plate / Thin Film |
| **Resistance Value** | Determined by "BYN" code (typically low milliohm) |
| **Tolerance** | ±1% (Standard for precision sensing) |
| **Power Rating** | High power-to-size ratio (e.g., 1W to 3W depending on package) |
| **Package Size** | 2512 (6432 Metric) or similar large footprint |
---
### 2. Key Electronic Features
#### A. Low Ohmic Value
These parts are designed for **Current Sensing**. Unlike standard resistors used for voltage drops or pull-ups, these have very low resistance (often in the $m\Omega$ range). This allows current to pass through with minimal power loss while creating a small voltage drop that an IC can measure.
#### B. High Power Dissipation
Because they sit in the main path of current, they are built to handle heat. The "T2P" segment of the part number often indicates a specific thermal enhancement or power rating (e.g., 2 Watts).
#### C. Temperature Stability (TCR)
The **Temperature Coefficient of Resistance (TCR)** is very low. This ensures that the resistance value does not change significantly as the component heats up, maintaining measurement accuracy.
---
### 3. Internal Structure
The component is usually built using a **Metal Alloy** plate.
1. **Protective Coating:** Resists environmental moisture and sulfur.
2. **Electrode:** Large contact areas to reduce "parasitic resistance" at the solder joints.
3. **Resistive Element:** A specialized metal alloy (like Manganese-Copper or Ni-Cr) calibrated to a specific thickness.
---
### 4. Typical Applications
* **Battery Management Systems (BMS):** Measuring charge/discharge cycles.
* **Motor Control:** Detecting stall currents or managing torque.
* **DC-DC Converters:** Monitoring output current for overcurrent protection.
* **Automotive ECU:** High-reliability sensing in vehicle electronics.
---
### 5. Identification (Part Number Breakdown)
While specific to the manufacturer's catalog, the suffix often denotes packaging:
* **E:** Usually indicates "Embossed Tape" packaging for automated SMT (Surface Mount Technology) assembly.
* **BYN:** Represents the specific resistance value and multiplier.
- ⤷What is the exact resistance value of the BYN code in this series?
- ⤷ What are the recommended soldering profiles for metal plate resistors?
- ⤷ How does this part compare to a standard thick-film resistor?