CRE24T2PBYNE
AI

Based on the part number provided, **CRE24T2PBYNE** appears to be a specific identifier for a **Relay Interface Module** (likely from a manufacturer like Crouzet or a similar automation component provider).
These modules are designed to bridge the gap between low-power control signals (from a PLC or microcontroller) and high-power industrial loads.
---
### 1. Component Specifications
The breakdown of the electronic characteristics for this series typically includes:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Relay Interface |
| **Input Voltage (Coil)** | Usually 24V AC/DC (indicated by '24') |
| **Contact Configuration** | 1 or 2 Changeover contacts (SPDT/DPDT) |
| **Switching Current** | Typically 6A to 16A depending on specific frame |
| **Mounting Style** | DIN Rail (35mm) |
| **Termination** | Screw terminals or Spring terminals |
### 2. Key Internal Parts
An interface relay module like the **CRE24T2PBYNE** consists of several critical electronic sub-components:
* **The Relay (Electromechanical):** The core switching element containing the coil, armature, and silver-alloy contacts.
* **Protection Diode (Flyback Diode):** Integrated into the base to protect the driving circuit (PLC) from voltage spikes when the coil is de-energized.
* **LED Indicator:** A green or red LED that signals when the input coil is active, allowing for quick visual troubleshooting.
* **Polarity Protection:** Internal circuitry to ensure the module is not damaged if the DC input wires are reversed.
* **Ejector Lever:** A plastic mechanical part used to securely hold the relay in the socket and allow for tool-free replacement.
### 3. Application Use Cases
* **Isolation:** Protecting a sensitive PLC output from high-voltage transients.
* **Power Amplification:** Using a 50mA PLC signal to switch a 10A motor or heater.
* **Signal Multiplication:** Taking one input signal and providing multiple dry contact outputs.
---
### 4. Typical Wiring Diagram (Logic)
```text
[ +24V DC ] ---- ( A1 ) [ COIL ] ( A2 ) ---- [ 0V GND ]
|
| (Magnetic Induction)
|
[ Load Line ] -- ( 11 ) [ COM ]
|
+-- ( 12 ) [ NC ] (Normal Closed)
+-- ( 14 ) [ NO ] (Normal Open)
```
- ⤷
What is the maximum switching frequency for this relay module?
- ⤷ Is there a solid-state equivalent for the CRE24 series?
- ⤷ Does this model include a manual override switch?