전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CRO2117B-LF

  • AI
    ## Technical Overview of CRO2117B-LF The **CRO2117B-LF** is a high-performance **Voltage Controlled Oscillator (VCO)** manufactured by Skyworks Solutions (formerly Z-Communications). It is specifically designed for high-frequency applications requiring low phase noise and wide tuning ranges. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the CRO2117B-LF: | Parameter | Value / Range | Unit | | :--- | :--- | :--- | | **Frequency Range** | 2110 to 2125 | MHz | | **Tuning Voltage** | 0.5 to 4.5 | Vdc | | **Output Power** | 2.5 ± 2.5 | dBm | | **Phase Noise (@ 10 kHz)** | -110 (typical) | dBc/Hz | | **Supply Voltage (Vcc)** | 5 | Vdc | | **Supply Current (Icc)** | 25 (typical) | mA | | **Operating Temperature** | -40 to +85 | °C | | **Package Type** | MINI-16-LOW | Surface Mount | --- ### 2. Functional Components and Technology The "CRO" prefix indicates that this device belongs to the **Coaxial Resonator Oscillator** family. Here is a breakdown of the electronic principles involved: * **Coaxial Resonator:** Unlike standard LC-based oscillators, this uses a high-Q coaxial ceramic resonator. This provides superior frequency stability and significantly lower phase noise. * **Varactor Diode Tuning:** It utilizes an internal varactor diode. When a DC voltage (Tuning Voltage) is applied, the capacitance of the diode changes, shifting the oscillation frequency within the 2110–2125 MHz band. * **Buffer Amplifier:** The internal circuitry usually includes a buffer stage to isolate the oscillator from load variations (pulling), ensuring frequency stability even if the output impedance fluctuates. * **RoHS Compliance:** The "-LF" suffix stands for **Lead-Free**, indicating the component meets environmental standards for electronic manufacturing. --- ### 3. Application Areas Due to its specific frequency range and low noise profile, the CRO2117B-LF is commonly integrated into: 1. **Wireless Infrastructure:** Used in base stations for signal synthesis. 2. **Fixed Wireless Access:** Providing stable local oscillator (LO) signals for point-to-point links. 3. **Test Equipment:** Integrated into RF signal generators and analyzers. 4. **Satellite Communications:** Employed in up/down converters for frequency translation. --- ### 4. Implementation Example (Basic Pinout) While the physical layout is a small surface-mount package, the logical connection follows this pattern: ```yaml Pin Configuration: - Vcc: 5V DC Input - Vt: Tuning Voltage (0.5 - 4.5V) - RF Out: 50 Ohm Output to Load - GND: Common Ground Reference ```
    ✨ Follow-up Questions
    • ⤷ What are the phase noise advantages of coaxial resonators over standard LC oscillators?
    • ⤷ How does the 'pulling' and 'pushing' effect impact the performance of this VCO?
    • ⤷ What is the physical footprint size of the MINI-16-LOW package?