전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CS3003-FS

  • AI
    ## Overview of the CS3003-FS The **CS3003-FS** is a high-precision, low-noise, chopper-stabilized operational amplifier (Op-Amp) manufactured by Cirrus Logic. It is specifically designed for applications requiring near-zero DC offset and long-term stability, making it ideal for weighing scales, temperature sensors, and medical instrumentation. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the CS3003-FS: | Parameter | Specification | Note | | :--- | :--- | :--- | | **Offset Voltage ($V_{os}$)** | 2 $\mu$V (Max) | Extremely low initial offset | | **Offset Drift** | 0.02 $\mu$V/°C | Minimal change over temperature | | **Operating Voltage** | 2.7V to 6.7V | Supports single or dual rail | | **Supply Current** | 1.0 mA (Typ) | Per amplifier | | **Open Loop Gain** | 130 dB | High linearity and accuracy | | **Package Type** | 8-pin SOIC | "FS" denotes the package style | --- ### 2. Core Internal Architecture The "electronic parts" or internal functional blocks of the CS3003-FS include: * **Chopper Stabilization Circuitry:** This is the heart of the chip. It uses a high-frequency internal clock to modulate the input signal, effectively "canceling out" 1/f noise (flicker noise) and DC offset errors. * **Input Stage:** Features high-impedance CMOS inputs to minimize input bias current, which is critical when interfacing with high-impedance sensors like thermocouples. * **Internal Filter:** Includes integrated capacitors and filtering to smooth out the switching artifacts generated by the chopping process. * **Output Buffer:** Designed to drive standard loads with rail-to-rail output swing capabilities. --- ### 3. Pin Configuration (8-Pin SOIC) The standard layout for the CS3003-FS is as follows: ```text +---u---+ OUT |1 8| NC -IN |2 7| V+ +IN |3 6| NC V- |4 5| NC +-------+ ``` --- ### 4. Typical Application Circuit When designing with the CS3003-FS, it is often used in a **differential amplifier** configuration. ```python # Conceptual pseudocode for signal processing involving CS3003 Input_Signal = Sensor.read() # e.g., Load Cell Amplified_Signal = CS3003_Gain(Input_Signal, R_feedback, R_in) ADC_Value = Microcontroller.read(Amplified_Signal) ``` ### 5. Notable Features 1. **Low 1/f Noise:** Unlike standard op-amps, the noise floor remains flat down to 0.1 Hz. 2. **No External Capacitors:** Some older chopper amps required external "hold" capacitors; the CS3003 has these integrated on-chip. 3. **High PSRR/CMRR:** Provides excellent rejection of power supply noise and common-mode interference. ---
    ✨ Follow-up Questions
    • ⤷How does chopper stabilization reduce DC offset in the CS3003-FS?
    • ⤷ What are the recommended decoupling capacitor values for the CS3003-FS?
    • ⤷ What are the main differences between the CS3003 and the CS3002?