전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CS5ABCW

  • AI
    The **CS5ABCW** (often associated with high-current toggle switches or specific industrial relay modules depending on the manufacturer, such as KAKU or general electrical component suppliers) is typically a **High-Current Power Toggle Switch** designed for industrial applications. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is designed to handle significant electrical loads, making it suitable for motor control and power distribution. | Parameter | Specification | | :--- | :--- | | **Contact Rating** | 15A 250VAC / 20A 125VAC | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Actuator Type** | Standard Bat Toggle | | **Terminal Type** | Screw Terminals or Quick Connect | | **Dielectric Strength** | 1500V AC 1 Minute | | **Insulation Resistance** | 100MΩ Min at 500V DC | | **Operating Temperature** | -25°C to +85°C | --- ## 2. Key Internal Components The CS5ABCW consists of several critical parts that ensure electrical safety and durability: ### A. Contact Mechanism * **Material:** Usually silver-plated copper or silver alloy to minimize contact resistance and prevent oxidation under high-current loads. * **Function:** Physically bridges the electrical gap when the toggle is moved. ### B. Internal Springs * **Type:** Snap-action leaf springs. * **Purpose:** Ensures a "clean" break and make of the circuit, reducing **arcing** which can weld contacts together or cause electrical noise. ### C. Housing (Body) * **Material:** Phenolic resin or high-temperature Thermoplastic. * **Properties:** Provides high insulation and heat resistance to prevent the casing from melting during continuous high-load operation. ### D. Terminals * **Composition:** Heavy-duty brass. * **Configuration:** Typically 3 pins (Common, Normally Open, Normally Closed) for the SPDT configuration. --- ## 3. Wiring Diagram (SPDT) The CS5ABCW operates on a three-terminal logic: ```text [Terminal 1] --- (Normally Closed) | [Toggle] ---[Terminal 2] --- (Common / Input) | [Terminal 3] --- (Normally Open) ``` --- ## 4. Common Applications * **Industrial Machinery:** Power on/off switches for lathes, drills, or conveyor belts. * **Automotive/Marine:** Controlling heavy-duty pumps, winches, or lighting arrays. * **HVAC Systems:** Manual override switches for fans or heating elements.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and DPDT toggle switches?
    • ⤷ How do I calculate the maximum wattage this switch can handle at 240V?
    • ⤷ What safety certifications (UL/CE) should I look for when using the CS5ABCW?