전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSAB0740-R47M

  • AI
    ### Analysis of CSAB0740-R47M The **CSAB0740-R47M** is a high-current, shielded surface-mount (SMD) power inductor. These components are critical in modern electronics for energy storage and noise filtering, particularly in power management circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Description | Meaning | | :--- | :--- | :--- | | **CSAB** | Series Name | High-current molded power inductor series. | | **0740** | Dimensions | Approx. **7.0 x 7.0 mm** footprint; **4.0 mm** height. | | **R47** | Inductance Value | **0.47 µH** (Microhenries). | | **M** | Tolerance | **±20%** tolerance. | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (e.g., Cyntec or Chilisin), typical specifications for a 0740-R47M inductor are: * **Inductance:** 0.47 µH * **DC Resistance (DCR):** Extremely low, typically between **1.5mΩ to 3.0mΩ**. This minimizes power loss through heat. * **Saturation Current ($I_{sat}$):** Typically **20A to 30A**. This is the current at which inductance drops by a specified percentage (usually 30%). * **RMS Current ($I_{rms}$):** Typically **15A to 22A**. The continuous current the part can handle without exceeding a $40^\circ C$ temperature rise. * **Operating Temperature:** $-55^\circ C$ to $+125^\circ C$. --- ### 3. Physical Construction The CSAB series utilizes **Molded Core Technology**: 1. **Material:** The coil is embedded in a metallic magnetic iron powder. 2. **Shielding:** The molded construction provides "magnetic shielding," which reduces Electromagnetic Interference (EMI) with neighboring components. 3. **Durability:** The solid structure offers high resistance to mechanical shock and vibration. --- ### 4. Common Applications Due to its high current handling and low profile, this part is commonly found in: * **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. * **Laptops/Servers:** High-current power supplies for CPUs and GPUs (Vcore). * **Automotive:** Infotainment systems and Advanced Driver Assistance Systems (ADAS). * **Telecommunications:** Distributed power systems and base stations. --- ### 5. Implementation Example In a standard Buck Converter circuit, the inductor is placed in the output stage to smooth out the current ripples: ```c [Input Voltage] --> [Switching MOSFETs] --> [Inductor: CSAB0740-R47M] --> [Output Voltage] | [Filter Capacitor] ```
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or alternatives for the CSAB0740-R47M?
    • ⤷ How does the 'Saturation Current' affect the performance of this inductor in a power circuit?
    • ⤷ What is the difference between a molded inductor and a traditional wire-wound ferrite inductor?