CSAB0740-R68M
AI

## Overview of the CSAB0740-R68M
The **CSAB0740-R68M** is a high-current, shielded surface-mount (SMD) power inductor. This component is commonly used in DC-DC converter applications where high efficiency and high power density are required. It belongs to a category often referred to as "Molded Power Inductors."
---
### 1. Technical Specifications
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.68 µH | The nominal inductance value (R68). |
| **Tolerance** | ±20% | Denoted by the "M" at the end of the part number. |
| **Dimensions** | 7.3 x 6.6 x 4.0 mm | Standard 0740 case size (approx. 7mm length, 4mm height). |
| **Core Material** | Metal Alloy Powder | Provides high saturation current and low acoustic noise. |
| **Shielding** | Magnetically Shielded | Reduces electromagnetic interference (EMI). |
---
### 2. Key Features
* **High Saturation Current:** Because it uses a metal powder core, the inductor can handle large spikes in current without the inductance "dropping off" abruptly.
* **Low DC Resistance (DCR):** Designed to minimize power loss as heat, increasing the overall efficiency of the power supply.
* **Soft Saturation:** Unlike ferrite cores that saturate instantly, this component loses inductance gradually as current increases.
* **Acoustic Noise Reduction:** The molded construction minimizes "coil whine" or buzzing sounds caused by magnetostriction.
---
### 3. Common Applications
This component is typically found in the following electronic circuits:
* **Voltage Regulator Modules (VRMs):** Used in laptops and desktop motherboards.
* **DC-DC Converters:** Point-of-load (POL) power supplies.
* **Battery Powered Devices:** Due to its compact size and high efficiency.
* **GPU/CPU Power Stages:** Where high-speed switching and high current are necessary.
---
### 4. Part Number Breakdown
The naming convention usually follows this logic:
* **CSAB:** Series series identifier (Molded Power Inductor).
* **0740:** Physical size (approx. 7.0mm x 4.0mm height).
* **R68:** Inductance value (R is the decimal point = 0.68 microhenries).
* **M:** Tolerance (M = ±20%).
- ⤷
What is the maximum saturation current (Isat) for the CSAB0740 series?
- ⤷ How does the metal alloy core compare to a traditional ferrite core in terms of EMI?
- ⤷ What are the recommended soldering profiles for this SMD component?