전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSAB1250A-R22M

  • AI
    The **CSAB1250A-R22M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules (VRMs). It belongs to a class of inductors designed for high efficiency and high-frequency switching. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CSAB** | Series Name | High-current power inductor series. | | **1250** | Dimensions | Approx. 12.5mm x 12.5mm footprint. | | **A** | Internal Code | Design revision or specific material type. | | **R22** | Inductance Value | **0.22 µH** (R denotes decimal point). | | **M** | Tolerance | **±20%** tolerance. | --- ### 2. Key Specifications While exact values can vary slightly by manufacturer (often Cyntec or similar brands), the typical specs for this part are: * **Inductance:** 0.22 µH * **DC Resistance (DCR):** Extremely low (typically < 1.0 mΩ) to minimize power loss. * **Saturation Current (Isat):** Very high, often ranging from 40A to 60A+. * **Operating Temperature:** -40°C to +125°C (including self-heating). * **Core Material:** Metal Alloy powder (provides soft saturation and low EMI). --- ### 3. Core Features and Benefits * **Low Profile:** The "50" in 1250 usually indicates a height of 5.0mm, making it suitable for compact PCB layouts. * **High Saturation:** Unlike ferrite cores that drop inductance sharply, the metal alloy core in this part handles high current peaks without "crashing" the inductance. * **Low DCR:** By using flat-wire or heavy-gauge copper, the part minimizes heat generation caused by resistive losses ($I^2R$). * **Shielded Construction:** The molded powder structure acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) with neighboring components. --- ### 4. Common Applications Due to its high current handling and low inductance, it is primarily found in: 1. **Motherboards/Servers:** CPU and GPU multi-phase power supplies. 2. **Point of Load (POL) Converters:** High-efficiency buck converters. 3. **Graphic Cards:** Providing stable current to high-performance GPUs. 4. **Telecom Equipment:** Distributed power systems requiring high reliability.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ How does the metal alloy core compare to a standard ferrite core?
    • ⤷ In what circuit configuration is a 0.22 uH inductor typically used?