전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSBL1030-R47M

  • AI
    ### Analysis of CSBL1030-R47M The **CSBL1030-R47M** is a high-current, shielded power inductor typically used in DC-DC converters and power management modules. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications The part number follows a standard convention for SMD (Surface Mount Device) power inductors. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.47 µH | "R47" indicates 0.47 microhenries. | | **Tolerance** | ±20% | "M" stands for a 20% tolerance range. | | **Case Size** | 10.0 x 10.0 x 3.0 mm | "1030" represents length/width (~10mm) and height (~3mm). | | **Shielding** | Magnetic Shielded | Reduces EMI (Electromagnetic Interference). | | **Mounting Type** | SMD/SMT | Designed for automated pick-and-place assembly. | --- ### 2. Key Electronic Features #### A. High Saturation Current ($I_{sat}$) This inductor is engineered to handle high current without the magnetic core "saturating." Saturation occurs when the inductance drops significantly (usually by 20-30%) as current increases. The CSBL series typically uses a metal alloy or ferrite core to maintain stability. #### B. Low DC Resistance (DCR) Because it is a power inductor, it is designed with thick copper windings to minimize DCR. This reduces power loss ($P = I^2R$) and prevents excessive heat buildup during high-load operations. #### C. Shielded Construction The "shielded" nature means the magnetic flux is contained within the component. This is critical for high-density PCB layouts where magnetic leakage could interfere with nearby sensitive components or clock signals. --- ### 3. Typical Applications * **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU power stages. * **DC-DC Converters:** Buck, Boost, or Buck-Boost converters. * **Battery Powered Devices:** Used in tablets or laptops to manage high-efficiency power distribution. * **Industrial Power Supplies:** For stable current filtering. --- ### 4. Part Number Breakdown ```text CSBL 1030 - R47 M | | | | | | | +-- Tolerance (M = ±20%) | | +------ Inductance Value (R47 = 0.47µH) | +-------------- Dimensions (Approx. 10x10x3.0 mm) +--------------------- Series Name (Shielded Power Inductor) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the CSBL1030-R47M?
    • ⤷ How does magnetic shielding impact the performance of this inductor compared to unshielded versions?
    • ⤷ What are the recommended soldering profiles for this SMD component?