CSEB0630-R56M
AI

The **CSEB0630-R56M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and power supply modules. It belongs to the "Molded Power Inductor" category, known for its compact size and high efficiency.
---
### ## Technical Specifications
Below are the primary electrical and physical parameters for this specific component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **Tolerance** | ±20% (indicated by the 'M' suffix) |
| **DC Resistance (DCR)** | ~3.0 mΩ (Typical) / ~3.6 mΩ (Max) |
| **Saturation Current (Isat)** | ~18.0 A to 22.0 A |
| **Heat Rating Current (Irms)** | ~13.0 A to 15.0 A |
| **Case Size** | 0630 (approx. 7.0 x 6.6 x 3.0 mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### ### Key Features
1. **Magnetic Shielding:** The part is molded with a metal alloy powder, which provides excellent magnetic shielding. This reduces Electromagnetic Interference (EMI) with neighboring components on the PCB.
2. **High Saturation:** Unlike traditional ferrite core inductors, molded inductors handle high-current transients without a sharp drop in inductance.
3. **Low DCR:** The use of thick copper wire ensures very low DC resistance, which minimizes power loss and heat generation during operation.
4. **Compact Footprint:** The "0630" designation refers to its dimensions (6mm x 6mm base area, 3mm height), making it ideal for high-density electronic assemblies.
---
### ### Part Number Breakdown
Understanding the nomenclature helps in identifying similar components:
* **CSEB**: Series series code (Molded Power Inductor).
* **0630**: Dimensions (Width/Length = ~6mm, Height = 3.0mm).
* **R56**: Inductance value. 'R' acts as a decimal point (0.56 microhenries).
* **M**: Tolerance code (M = ±20%).
---
### ### Common Applications
* **Voltage Regulator Modules (VRM):** Used in motherboards and servers.
* **DC-DC Converters:** Point-of-Load (POL) power supplies.
* **Consumer Electronics:** Laptops, tablets, and high-performance gaming consoles.
* **Battery Powered Devices:** Due to high efficiency and low energy waste.
- ⤷
What is the difference between Isat and Irms for this inductor?
- ⤷ Can you provide a PCB footprint recommendation for the 0630 package?
- ⤷ What are the common alternatives or equivalents for the CSEB0630-R56M?