전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSS01

  • AI
    The **CSS01** typically refers to a specialized series of **Current Sensing Resistors** (Shunt Resistors) or specific **Integrated Circuit (IC)** modules, depending on the manufacturer. The most common reference is to the surface-mount current sense resistors manufactured by companies like *Samsung Electro-Mechanics* or *Susumu*. Below is a breakdown of the electronic components and characteristics associated with the CSS01 series. --- ## 1. Core Specifications These parts are designed for power management circuits where precise current measurement is required. | Feature | Description | Typical Value | | :--- | :--- | :--- | | **Case Size** | Surface Mount (SMD) | 0603 (Metric 1608) | | **Resistance Range** | Low Ohmic Values | 10mΩ to 100mΩ | | **Power Rating** | Thermal Dissipation | 0.1W to 0.25W | | **Tolerance** | Accuracy of resistance | ±1% to ±5% | | **TCR** | Temperature Coefficient | ±100 to ±200 ppm/°C | --- ## 2. Key Electronic Components & Construction The CSS01 is not a complex assembly but a precision-engineered passive component. Its internal structure includes: ### A. Resistive Element The "heart" of the CSS01 is usually a **Metal Foil** or **Thick Film** resistive layer. Metal foil is preferred in CSS series for higher stability and lower noise under high-current loads. ### B. Protective Coating A glass or epoxy overcoat protects the resistive element from environmental factors like humidity and oxidation, ensuring the resistance value doesn't drift over time. ### C. Termination (Electrodes) * **Inner Electrode:** Usually Silver (Ag) or Palladium-Silver (Pd-Ag). * **Barrier Layer:** Nickel (Ni) plating to prevent "leaching" during soldering. * **External Termination:** Tin (Sn) plating for excellent solderability on PCBs. --- ## 3. Functional Application In a circuit, the CSS01 acts as a transducer that converts current into a measurable voltage ($V = I \times R$). ### Typical Circuit Usage: 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. 2. **DC-DC Converters:** Providing feedback to the controller to prevent over-current. 3. **Motor Control:** Detecting stalls or load changes. --- ## 4. Part Numbering Example (Samsung Style) If you are looking at a specific part number, it usually breaks down like this: `CS S 01 J R010` * **CS:** Current Sense Resistor * **S:** Size (e.g., Small/Standard) * **01:** Size Code (0603) * **J:** Tolerance (±5%) * **R010:** Resistance Value (0.010 Ω) ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between thick film and metal foil in CSS01 resistors?
    • ⤷ How do I calculate the power dissipation for a CSS01 in a 5V circuit?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of the CSS01?