CSS0508
AI

### Overview of CSS0508 (Current Sensing Chip Resistor)
The **CSS0508** is a specific type of Surface Mount Device (SMD) resistor designed for **current sensing** applications. The "0508" designation refers to its physical dimensions (0.05 inches by 0.08 inches), notably featuring a **wide terminal** configuration.
---
### 1. Key Technical Specifications
These resistors are characterized by their low resistance values and high precision.
| Feature | Typical Specification |
| :--- | :--- |
| **Case Size** | 0508 (Metric: 1220) |
| **Terminal Style** | Wide Terminal (Long-side electrodes) |
| **Resistance Range** | 10mΩ to 100mΩ (Typical) |
| **Power Rating** | 0.5W to 1.0W (depending on manufacturer) |
| **Tolerance** | ±1%, ±5% |
| **TCR (Temp. Coeff.)** | ±100 ppm/°C to ±200 ppm/°C |
---
### 2. The "Wide Terminal" Advantage
Unlike standard 0805 resistors where the terminals are on the short sides, the **0508** has terminals on the **long sides**. This design offers several electronic benefits:
1. **Higher Power Dissipation:** The larger contact area with the PCB pads allows heat to escape more efficiently.
2. **Reduced Parasitic Inductance:** Shortening the path between electrodes reduces inductance, which is critical for high-frequency switching applications.
3. **Improved Solder Joint Integrity:** The wider base reduces thermal stress on the solder joints during temperature cycling.
---
### 3. Functional Applications
The CSS0508 is primarily used to measure current by monitoring the voltage drop across it ($V = I \times R$).
* **Power Management:** DC-DC converters and voltage regulator modules (VRMs).
* **Battery Monitoring:** Sensing charge/discharge currents in mobile devices or power tools.
* **Motor Control:** Detecting overcurrent conditions in small motors.
* **Automotive Electronics:** Used in lighting controls and sensor modules.
---
### 4. Schematic Representation
In a circuit, the CSS0508 is usually placed in series with the load. Below is a conceptual representation of its use in a sensing circuit:
```text
[Power Source] ----+---- [Load] ----+---- GND
| |
| (CSS0508) |
+----[ R_sense ]---+
|
[To ADC / Op-Amp Input]
```
---
### 5. Common Manufacturers
Several major electronic component manufacturers produce the CSS0508 series:
* **Samsung Electro-Mechanics:** (e.g., CS series)
* **Susumu:** (e.g., KRL series)
* **Vishay:** (e.g., WSK series)
* **Yageo:** (e.g., RL/PT series)
- ⤷
How does the wide terminal design specifically improve heat dissipation compared to standard 0805 resistors?
- ⤷ What are the common Kelvin (4-terminal) sensing alternatives to the 0508 package?
- ⤷ How do I calculate the maximum current a 10mΩ CSS0508 can handle at 1W?