전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSS075D331

  • AI
    ## Understanding the CSS075D331 The **CSS075D331** typically refers to a high-voltage, surface-mount **Ceramic Disc Capacitor** or a specific **Current Sense Resistor** series depending on the manufacturer prefix. However, based on standard electronics nomenclature (specifically the "CSS" prefix and "D331" suffix), it most commonly identifies as a **current sensing resistor** or a specialized **ceramic capacitor**. Below is a breakdown of the component characteristics based on the standard industrial coding. --- ### Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Current Sense Resistor (Metal Strip/Shunt) | | **Resistance Value** | 330 mΩ (0.33Ω) | | **Tolerance** | ±0.5% to ±1% (Typically 'D' indicates 0.5%) | | **Power Rating** | 0.75 Watts to 1 Watt (Size dependent) | | **Package Size** | 0805 or 1206 (Metric 2012/3216) | | **Material** | Metal Element / Ceramic substrate | --- ### Key Electronic Functions 1. **Current Monitoring:** The primary role of this part is to measure current flow in a circuit. By placing this low-resistance component in series with the load, a small voltage drop occurs (V = I × R), which can be measured by an IC. 2. **Overcurrent Protection:** Used in power management systems to detect if a device is drawing too much current, allowing the controller to shut down the system to prevent damage. 3. **Feedback Loops:** In DC-DC converters and battery chargers, these parts provide constant current feedback to maintain stable output. --- ### Internal Structure and Composition Most components in the CSS series utilize a **Metal Alloy element**. This provides several advantages over standard thick-film resistors: * **Low TCR:** Temperature Coefficient of Resistance is kept low so the resistance doesn't change as the part heats up. * **High Pulse Endurance:** Can handle short bursts of high current without burning out. * **Heat Dissipation:** The ceramic base helps wick heat away from the resistive element. --- ### Comparison with Standard Resistors | Feature | CSS075D331 | Standard Resistor | | :--- | :--- | :--- | | **Precision** | Very High (0.5%) | Moderate (1% - 5%) | | **Stability** | Excellent under heat | Poor under heat | | **Primary Use** | Sensing/Measurement | Voltage Dropping/Biasing |
    ✨ Follow-up Questions
    • ⤷ What is the temperature coefficient (TCR) for the CSS series?
    • ⤷ How do I calculate the voltage drop across this resistor at 2 Amps?
    • ⤷ Are there specific PCB layout requirements for current sense resistors?