전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSS12

  • AI
    The term **CSS12** in electronics typically refers to high-precision, low-resistance **Current Sense Surface-mount (SMD) resistors**. These components are critical in power management circuits for monitoring current flow. Below is an overview of their technical specifications, construction, and applications. --- ### 1. Technical Specifications The "CSS" series generally follows industry standards for high-power metal foil or metal strip resistors. The "12" often denotes the package size (e.g., 2512 metric/imperial reference). | Feature | Typical Value / Description | | :--- | :--- | | **Package Size** | 2512 (6.35mm x 3.18mm) | | **Power Rating** | 1W to 3W (depending on heat dissipation) | | **Resistance Range** | 0.5mΩ to 100mΩ (Very low resistance) | | **Tolerance** | ±0.5% to ±5% | | **Temperature Coefficient (TCR)** | ±15 ppm/°C to ±100 ppm/°C | | **Material** | Manganese-Copper or Nickel-Chrome Alloy | --- ### 2. Internal Construction Unlike standard thick-film resistors, CSS12 components are engineered to handle high current without failing due to heat. * **Metal Element:** Uses a solid metal alloy strip as the resistive element. * **Electron Beam Welding:** The resistive element is often welded to copper terminals to ensure low contact resistance. * **Flame Retardant Coating:** Encapsulated in high-temperature molding to protect against environmental factors. --- ### 3. Key Functions in a Circuit The primary role of a CSS12 part is **Current Sensing**. It operates based on Ohm’s Law ($V = I \times R$): 1. **Voltage Drop:** As current ($I$) passes through the known low resistance ($R$), a small voltage ($V$) is created. 2. **Measurement:** An Integrated Circuit (IC) or Microcontroller measures this voltage drop. 3. **Calculation:** The system calculates the exact current to manage battery levels or prevent over-current damage. --- ### 4. Common Applications * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops and EVs. * **DC-DC Converters:** Controlling power output in switching power supplies. * **Motor Control:** Detecting stall conditions or controlling torque in robotics. * **Consumer Electronics:** Power adapters and high-end chargers (PD chargers). --- ### 5. Selection Code Example When ordering these parts, the part number usually encodes the specifications: ```text Example: CSS 2512 J T R010 | | | | | Series Size Tol Tape/Reel Resistance(0.01Ω) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between thick-film and metal-strip current sense resistors?
    • ⤷ How do I calculate the power dissipation for a CSS12 resistor in my circuit?
    • ⤷ Can CSS12 resistors be used in high-frequency AC applications?