전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSS48

  • AI
    It appears there is a slight naming confusion. In the context of electronics, **CSS48** typically refers to a specific series of **High-Precision, Low-Ohmic Current Sense Resistors** manufactured by companies like **ROHM Semiconductor**. These are not standard resistors for limiting current; they are specialized components used for measuring current in high-power circuits. --- ### 1. Key Technical Specifications The CSS48 series belongs to the "Shunt Resistor" category. Below are the typical characteristics of these parts: | Feature | Specification (Typical) | | :--- | :--- | | **Footprint / Size** | 4824 (12.2mm x 6.0mm) | | **Resistance Range** | 0.1 mΩ to 1.0 mΩ | | **Power Rating** | 5W to 10W (Depending on specific model) | | **Tolerance** | ±1% to ±5% | | **TCR (Temp. Coeff.)** | Low (around ±50ppm/°C to ±150ppm/°C) | | **Operating Temp** | -55°C to +170°C | --- ### 2. Physical Construction The CSS48 part is designed as a **Metal Plate** resistor. * **Material:** It uses a specialized copper-alloy resistive element. * **Terminals:** It features large electrode surfaces to handle high current density and ensure efficient heat dissipation into the PCB. * **Inductance:** Due to the solid metal construction, it has extremely low parasitic inductance, making it ideal for high-frequency switching applications. --- ### 3. Primary Applications Because the CSS48 can handle very high currents with minimal heat generation, it is found in: * **Automotive Systems:** Battery management systems (BMS), electric power steering, and DC/DC converters. * **Industrial Power:** Inverters, motor drives, and large-scale power supplies. * **Consumer Electronics:** High-capacity battery chargers and laptop power management. --- ### 4. Typical Connection Diagram In a circuit, the CSS48 is placed in series with the load. The voltage drop across it is measured by an Analog-to-Digital Converter (ADC) or a Current Sense Amplifier. ```c // Calculation logic for Current Sensing V_drop = Current * Resistance; // Ohm's Law Current = V_drop / R_css48; ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard resistor and a current sense resistor like the CSS48?
    • ⤷ How do you calculate the power dissipation for a 0.5mΩ CSS48 resistor at 50 Amps?
    • ⤷ What are the common failure modes for metal plate shunt resistors?