전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSS98

  • AI
    It appears you are referring to the **CSS98**, which is a specialized integrated circuit often used in the manufacturing of low-cost electronics, most notably in the production of digital quartz watches, simple calculators, and LCD handheld games. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. General Overview The **CSS98** (often part of a series like the CSS9803 or CSS9801) is a CMOS-based micro-controller or dedicated ASIC (Application-Specific Integrated Circuit). It is designed to drive LCD screens and manage timekeeping functions with minimal power consumption. ### 2. Key Electronic Specifications | Feature | Description | | :--- | :--- | | **Technology** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Operating Voltage** | Typically 1.2V to 1.8V (ideal for button cells) | | **Current Consumption** | Ultra-low (Microampere range) | | **Oscillator Frequency** | Usually 32.768 kHz (standard watch crystal) | | **Package Type** | Often sold as **COB (Chip on Board)** or Die form | --- ### 3. Internal Components and Architecture The internal circuitry of a CSS98-series chip generally consists of the following functional blocks: #### A. The Oscillator Circuit * **Function:** Generates the base frequency. * **External Parts:** It requires an external 32.768 kHz quartz crystal and two small capacitors to maintain a stable clock signal. #### B. Frequency Divider * Since the processor operates at a lower rate than the crystal, a series of flip-flops divides the 32,768 Hz signal down to 1 Hz (one pulse per second) for timekeeping. #### C. LCD Driver Logic * The chip contains a built-in multi-segment driver. * It manages the **Common (COM)** and **Segment (SEG)** lines required to energize the liquid crystals without needing an external driver. #### D. Control Logic / ROM * Contains the hard-coded logic for the specific device (e.g., Time, Date, Alarm, or Stopwatch functions). --- ### 4. Typical Application Circuit (Pinout Logic) When integrated into a PCB, the CSS98 follows a standard wiring pattern: 1. **Vdd / Vss:** Power supply pins (usually connected to a 1.5V AG13/LR44 battery). 2. **OSCI / OSCO:** Connection points for the quartz crystal. 3. **Key Inputs:** Pins for "Mode," "Set," and "Adjust" buttons. 4. **LCD Pins:** A series of outputs (SEG1, SEG2... COM1, COM2) that connect directly to the zebra connector of the LCD. 5. **BZ:** Output pin for a piezo-electric buzzer (if the model supports alarms). --- ### 5. Common Use Cases * **Digital Wristwatches:** The most common application for the CSS9803 variant. * **Promotional Clocks:** Small, inexpensive desk clocks. * **LCD Timers:** Kitchen timers and industrial countdown modules.
    ✨ Follow-up Questions
    • ⤷ What is the difference between CSS98 and other watch ICs like the UTC7642?
    • ⤷ Can the CSS98 chip be reprogrammed for custom functions?
    • ⤷ How do you troubleshoot a CSS98 circuit that is not displaying anything on the LCD?