전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSSD2003

  • AI
    The **CSSD2003** is a specialized electronic component primarily categorized as an **N-Channel Enhancement Mode MOSFET** or a specialized power management semiconductor (often found in small-signal switching or battery protection circuits). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The CSSD2003 is designed for low-voltage applications where high efficiency and high-speed switching are required. It is typically housed in a small surface-mount package like **SOT-23**. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 20V - 30V | Maximum voltage the component can handle across drain/source. | | **Gate-Source Voltage ($V_{GSS}$)** | ±12V | Maximum voltage allowed at the gate terminal. | | **Continuous Drain Current ($I_D$)** | 2.0A - 3.0A | Maximum continuous current flow. | | **Pulsed Drain Current ($I_{DM}$)** | 10A | Peak current for short durations. | | **Power Dissipation ($P_D$)** | 0.9W - 1.2W | Total power the device can dissipate at 25°C. | ### 2. Key Electrical Characteristics This component is valued for its low "on-resistance," which minimizes energy loss as heat. * **$R_{DS(on)}$ (Static Drain-Source On-Resistance):** Usually ranges between **30mΩ to 60mΩ** depending on the gate drive voltage ($V_{GS}$). * **Threshold Voltage ($V_{GS(th)}$):** Typically between **0.5V to 1.2V**, making it compatible with low-voltage logic levels (TTL/CMOS). * **Switching Speeds:** Features fast turn-on and turn-off times, making it suitable for PWM (Pulse Width Modulation) applications. ### 3. Pin Configuration (SOT-23) Most CSSD2003 modules follow the standard SOT-23 pinout: 1. **Gate (G):** Controls the biasing of the MOSFET. 2. **Source (S):** Connected to the ground or the lower potential. 3. **Drain (D):** Connected to the load. ### 4. Common Applications The CSSD2003 is widely used in portable electronics due to its small footprint and efficiency. * **Load Switching:** Used to turn power rails on or off in smartphones or tablets. * **Battery Protection:** Integrated into BMS (Battery Management Systems) to prevent over-discharge. * **DC-DC Converters:** Acts as a switching element in buck or boost regulators. * **LED Driving:** Controlling current flow to high-brightness LEDs. --- ### 5. Equivalent/Alternative Components If the CSSD2003 is unavailable, the following N-Channel MOSFETs often serve as functional replacements (check datasheets for exact pin-matching): * **SI2302** * **AO3400** * **BSS138** (Note: Lower current capacity)
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the CSSD2003 in high-current applications?
    • ⤷ How does the CSSD2003 perform in high-frequency PWM switching compared to the SI2302?
    • ⤷ Can the CSSD2003 be driven directly by a 1.8V microcontroller GPIO?