전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSSP60010-R

  • AI
    The **CSSP60010-R** is a specific electronic component typically identified as a **Current Sense Shunt Resistor**. These components are critical in power management circuits for monitoring current flow by measuring the voltage drop across a known resistance. --- ### 1. Key Technical Specifications Below are the typical technical parameters associated with high-precision shunt resistors in this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense Resistor (Shunt) | | **Resistance Value** | 10 mΩ (0.010 Ohms) | | **Power Rating** | Often 3W to 5W (Depending on package size) | | **Tolerance** | ±1% or ±0.5% | | **Material** | Metal Element / Metal Alloy | | **Temperature Coefficient (TCR)** | ±50 ppm/°C to ±75 ppm/°C | | **Operating Temperature** | -55°C to +170°C | --- ### 2. Physical Construction The "R" suffix and the CSSP designation generally refer to a **Surface Mount Device (SMD)** package. * **Metal Plate Technology:** Unlike standard thick-film resistors, these are made from a solid metal alloy plate. This allows for high pulse handling and low thermal EMF. * **Low Inductance:** The construction is designed to minimize parasitic inductance, which is essential for accurate readings in high-frequency switching power supplies. * **Heat Dissipation:** The wide terminal design (often 2512 or similar large footprints) helps conduct heat away from the resistive element into the PCB copper planes. --- ### 3. Functional Application The CSSP60010-R acts as a transducer that converts current ($I$) into a measurable voltage ($V$) based on Ohm’s Law ($V = I \times R$). #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles of Li-ion batteries. 2. **DC-DC Converters:** Providing feedback for over-current protection (OCP). 3. **Motor Control:** Detecting the phase current to manage torque and speed. 4. **Power Inverters:** Measuring output load to ensure system stability. --- ### 4. Implementation Diagram In a standard circuit, the resistor is placed in series with the load. ```python # Simplified Current Sensing Logic # V_sense = I_load * R_shunt (0.010 Ohms) load_current = measured_voltage / 0.010 if load_current > limit: trigger_protection() ``` ---
    ✨ Follow-up Questions
    • What is the maximum current capacity for a 10mOhm resistor rated at 5W?
    • How does temperature coefficient (TCR) affect the accuracy of this shunt resistor?
    • What are the advantages of using metal plate resistors over thick-film for current sensing?