전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSTCE12M5G55-R0

  • AI
    ## Overview of CSTCE12M5G55-R0 The **CSTCE12M5G55-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Manufacturing. It belongs to the CERALOCK® family, which are high-quality piezoelectric components used as timing devices (clocks) in various electronic circuits. --- ### Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Nominal Frequency** | 12.500 MHz | | **Frequency Tolerance** | ±0.5% | | **Operating Temperature** | -20°C to +80°C | | **Built-in Load Capacitance** | 33 pF (Internal) | | **Mounting Type** | Surface Mount (SMD) | | **Package Size** | 3.2 x 1.3 mm (CSTCE Case) | | **Application** | Low-cost timing for MCUs | --- ### Internal Structure and Features 1. **CERALOCK® Technology**: Unlike quartz crystals that use a piece of quartz, these use high-stability piezoelectric ceramics. This makes them more mechanically robust and cheaper to produce. 2. **Built-in Capacitors**: This specific part number includes internal load capacitors. In a standard Pierce oscillator circuit, you would usually need two external capacitors ($C_1$ and $C_2$). This part eliminates the need for them, saving PCB space and reducing the Bill of Materials (BOM) cost. 3. **Small Form Factor**: The "CSTCE" prefix indicates a small SMD package, suitable for high-density layouts in modern consumer electronics. --- ### Comparison: Ceramic Resonator vs. Quartz Crystal | Feature | Ceramic Resonator | Quartz Crystal | | :--- | :--- | :--- | | **Accuracy** | Moderate (±0.5%) | High (±0.001%) | | **Start-up Time** | Very Fast | Slow | | **Cost** | Low | Higher | | **Durability** | High (Vibration resistant) | Fragile | --- ### Typical Application Circuit When connecting this part to a Microcontroller (MCU), the internal capacitors are already grounded, meaning you only need to connect the input and output pins to the `XTAL1` and `XTAL2` pins of the chip. ```text [MCU] / \ XTAL1 XTAL2 | | [ 1 ]----[ 3 ] <-- CSTCE12M5G55-R0 | 2 | | [GND] ``` *(Pin 1: Input, Pin 2: Ground, Pin 3: Output)* ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of built-in capacitors in ceramic resonators?
    • ⤷ Can this resonator be used for high-speed USB communication?
    • ⤷ What are the common failure modes of ceramic resonators?