전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSTCE16M0V13C99-R0

  • AI
    ### Analysis of the CSTCE16M0V13C99-R0 The **CSTCE16M0V13C99-R0** is a ceramic resonator manufactured by **Murata Electronics**. It belongs to the **CERALOCK®** product line, which is widely used as a cost-effective alternative to quartz crystals for providing timing signals in microcontrollers and other digital circuits. --- ### Technical Specifications | Parameter | Specification | |:---|:---| | **Frequency** | 16.000 MHz | | **Frequency Tolerance** | ±0.1% | | **Resonant Impedance** | 40 Ω (Maximum) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Load Capacitance** | 15 pF (Built-in) | | **Mounting Type** | Surface Mount (SMD) | | **Package Size** | 3.2 x 1.3 mm (CSTCE Case) | --- ### Key Features and Internal Components 1. **Built-in Load Capacitors:** Unlike standard quartz crystals that require external capacitors (C1 and C2) to form an oscillation circuit, this part has **internal capacitors**. This reduces the component count and saves PCB space. 2. **Automotive Grade:** The "V" in the part number indicates high reliability. This part is qualified for automotive applications, meaning it can withstand extreme temperature fluctuations and mechanical vibrations. 3. **Piezoelectric Ceramic Material:** It utilizes the mechanical resonance of piezoelectric ceramics. While slightly less precise than quartz, it has a faster startup time and is physically more robust against shock. --- ### Pin Configuration The device typically has three terminals: | Pin Number | Function | Description | |:---:|:---|:---| | 1 | Input | Connected to the MCU Oscillator Input | | 2 | Ground | Common Ground for internal capacitors | | 3 | Output | Connected to the MCU Oscillator Output | --- ### Comparison: Ceramic Resonator vs. Quartz Crystal ```markdown - Stability: Quartz is superior (ppm vs. % tolerance). - Cost: Ceramic resonators are generally cheaper. - Size: Ceramic resonators are smaller due to integrated capacitors. - Startup Time: Ceramic resonators reach stable oscillation faster than crystals. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the CSTCE and CSTCR series?
    • ⤷ How do I calculate the power consumption of this resonator in a circuit?
    • ⤷ Can this part be used in safety-critical automotive systems?