전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSTCE16M0V51-R0

  • AI
    ## CSTCE16M0V51-R0: Component Overview The **CSTCE16M0V51-R0** is a high-precision ceramic resonator produced by **Murata Manufacturing**. It belongs to the CERALOCK® family and is primarily used as a clock source for microcontrollers in various electronic applications. --- ### Technical Specifications | Parameter | Specification | |:---|:---| | **Nominal Frequency** | 16.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.2% | | **Load Capacitance** | 5 pF (Built-in) | | **Operating Temperature** | -20°C to +80°C | | **Package Size** | 3.2 x 1.3 mm (SMD) | | **Mounting Style** | Surface Mount (SMT) | --- ### Key Internal Components and Features 1. **Piezoelectric Ceramic Element**: The core of the component is a lead-zirconate-titanate (PZT) ceramic material. It utilizes the piezoelectric effect—converting mechanical vibrations into electrical signals at a specific resonant frequency (16MHz). 2. **Built-in Load Capacitors**: Unlike traditional quartz crystals that require external capacitors (C1 and C2) to form an oscillation circuit, this "CERALOCK" part has internal capacitors integrated into the package. * **Benefit**: Reduces component count on the PCB and saves space. 3. **Electrode Layers**: Thin silver or gold layers are deposited onto the ceramic to allow electrical connection. The "V" in the part number often denotes specific thin-profile electrodes used for small SMD packages. 4. **Base and Cap**: The ceramic element is housed in a plastic or alumina package and sealed with a metal or resin cap to protect the delicate resonator from humidity and mechanical stress. --- ### Comparison: Ceramic Resonator vs. Quartz Crystal | Feature | Ceramic Resonator (CSTCE) | Quartz Crystal (XTAL) | |:---|:---|:---| | **Accuracy** | Moderate (±0.5%) | High (±10-50 ppm) | | **Cost** | Low | High | | **Start-up Time** | Very Fast | Slower | | **Size** | Smaller (Integrated Caps) | Larger (External Caps needed) | --- ### Typical Application Circuit The CSTCE16M0V51-R0 has three terminals: **Input, Ground, and Output**. Because the capacitors are built-in, the wiring is simplified: ```text [ MCU OSC_IN ] <----Pin 1 (Input) [ GND ] <----Pin 2 (Ground) [ MCU OSC_OUT] <----Pin 3 (Output) ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of built-in capacitors in ceramic resonators?
    • ⤷ Can this part be used in high-precision timing applications like RTCs?
    • ⤷ What is the meaning of the '-R0' suffix in the part number?