전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSTCG22M0V53-R0

  • AI
    ## Technical Overview of CSTCG22M0V53-R0 The **CSTCG22M0V53-R0** is a high-frequency **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the **CERALOCK®** family, which is widely used as a timing element in microcontrollers and digital circuits where extreme precision (like that of a quartz crystal) is not required, but cost and space are critical. ### 1. Key Specifications | Parameter | Specification | | :--- | :--- | | **Nominal Frequency** | 22.000 MHz | | **Frequency Tolerance** | ±0.5% | | **Operating Temperature** | -20°C to +80°C | | **Loading Capacitance** | 15 pF (Built-in) | | **Mounting Type** | Surface Mount (SMD) | | **Package Size** | 2.5mm x 2.0mm (0.8mm height) | | **Frequency Aging** | ±0.3% (over 10 years) | --- ### 2. Functional Characteristics #### A. Built-in Load Capacitors Unlike traditional crystals that require two external capacitors to stabilize the oscillation loop, the **CSTCG** series features **built-in load capacitors**. * **Benefit:** Saves PCB real estate and reduces the Bill of Materials (BOM) count. * **Terminal Count:** It typically has 3 terminals (Input, Ground, Output), where the center pin is connected to the circuit ground. #### B. Frequency Stability While quartz crystals offer stability in the range of ±10 to ±50 ppm, ceramic resonators like this one have a tolerance of **±0.5% (5000 ppm)**. * **Use Case:** Ideal for USB (Low Speed), microcontrollers (MCU) clocks, and general-purpose logic. * **Constraint:** Not recommended for high-speed Ethernet or high-precision wireless RF timing. --- ### 3. Physical Construction & Footprint The "CG" designation refers to the small-form-factor package. ```markdown Top View Layout (Simplified) ___________________ | | | [ 22.0 ] (Marking) |_________________| (1) (2) (3) In GND Out ``` --- ### 4. Circuit Implementation To use this part, you connect it to the `OSC_IN` and `OSC_OUT` pins of a Microcontroller. No external capacitors are needed because they are integrated into the ceramic structure. ```c // Typical Connection Diagram // MCU Pin OSC1 <-----> Pin 1 (CSTCG) // MCU Pin OSC2 <-----> Pin 3 (CSTCG) // Circuit GND <-----> Pin 2 (CSTCG) ``` ### 5. Part Number Breakdown * **CST**: Ceramic Resonator with Built-in Capacitance. * **CG**: Small SMD Package (2.5 x 2.0 mm). * **22M0**: 22.000 MHz. * **V**: Frequency Tolerance/Stability code. * **53**: Specific internal design/Loading cap code. * **-R0**: Tape and Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷What are the advantages of using a ceramic resonator over a quartz crystal?
    • ⤷ How does the 'built-in capacitance' affect the PCB layout?
    • ⤷ Can this resonator be used for high-speed USB 2.0 applications?