전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CSTCG33M3V53-R0

  • AI
    The **CSTCG33M3V53-R0** is a specific type of electronic component known as a **Ceramic Resonator** with built-in load capacitors. It is manufactured by Murata Manufacturing and belongs to the CERALOCK® family. --- ## 1. Core Specifications The part number encodes specific technical characteristics. Here is the breakdown of its primary specifications: | Parameter | Specification | | :--- | :--- | | **Nominal Frequency** | 33.33 MHz | | **Frequency Tolerance** | ±0.5% | | **Frequency Stability** | ±0.3% | | **Resonant Impedance** | 40 $\Omega$ (Max) | | **Built-in Capacitance** | 5 pF (Load Capacitors) | | **Operating Temp Range** | -20°C to +80°C | | **Mounting Type** | Surface Mount (SMD) | --- ## 2. Functional Description A ceramic resonator performs a similar role to a quartz crystal but uses a different piezoelectric ceramic material. ### Key Components: * **Piezoelectric Element:** The heart of the device that vibrates at a specific frequency (33.33 MHz) when an electrical signal is applied. * **Built-in Load Capacitors:** This part includes two internal capacitors connected to the ground pin. This eliminates the need for external capacitors on the PCB, saving space and reducing BOM (Bill of Materials) costs. * **Package Type:** It uses a small, lead-free SMD package designed for automated pick-and-place assembly. --- ## 3. Comparison: Ceramic Resonator vs. Crystal While both provide timing signals, there are distinct differences to consider for your design: | Feature | Ceramic Resonator (CSTCG) | Quartz Crystal | | :--- | :--- | :--- | | **Cost** | Lower | Higher | | **Accuracy** | Moderate (±0.5%) | High (ppm level) | | **Start-up Time** | Very Fast | Slower | | **Size** | Smaller (Internal Caps) | Larger (Requires External Caps) | --- ## 4. Typical Applications The **CSTCG33M3V53-R0** is commonly used in high-speed digital circuits where extreme precision (like a real-time clock) is not required, but cost and space are critical: * **Microcontrollers (MCU):** Providing the clock source for high-speed processing. * **USB Peripherals:** Clocking for USB 2.0 full-speed interfaces. * **Consumer Electronics:** Use in digital cameras, camcorders, and home appliances. * **Communication Equipment:** Local oscillators in short-range wireless devices. --- ## 5. Typical Circuit Diagram Since the load capacitors are internal, the wiring is simplified to three pins: ```text [ MCU / IC ] / \ OSC_IN OSC_OUT | | Pin 1 Pin 3 +-----------------------+ | CSTCG Series | | [33.33 MHz Device] | +-----------+-----------+ | Pin 2 | [ GROUND ] ```
    ✨ Follow-up Questions
    • ⤷What is the footprint size of the CSTCG package?
    • ⤷ Can this resonator be used for high-accuracy timing like RTC?
    • ⤷ What are the advantages of built-in capacitors in ceramic resonators?