전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CT0402LSF-R14

  • AI
    The **CT0402LSF-R14** is a specific surface-mount electronic component, primarily categorized as a **Wire-wound Chip Inductor**. It is designed for high-frequency circuits where precision and stability are required in a very small footprint. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **CT** | Series Prefix | High-frequency ceramic core inductor series | | **0402** | Package Size | 0.04 x 0.02 inches (1.0 x 0.5 mm) | | **LSF** | Construction | Low profile / Ferrite or Specialized winding | | **R14** | Inductance Value | **0.14 µH** (or 140 nH) | --- ### 2. Key Technical Specifications Based on standard industry data for this class of wire-wound inductors: * **Inductance:** 0.14 µH (140 nH). * **Tolerance:** Typically ±5% or ±10% (standard for RF inductors). * **Core Material:** Often Ceramic or Ferrite (depending on the specific LSF sub-type), providing a high Self-Resonant Frequency (SRF). * **DC Resistance (DCR):** Very low, typically measured in Ohms ($\Omega$), to minimize power loss. * **Rated Current:** The maximum amount of DC current the part can handle before a specific temperature rise (usually 40°C). --- ### 3. Physical Features & Construction * **Size:** The **0402** metric code is 1005. This is one of the smallest common footprints used in modern smartphones and wearable tech. * **Wire-Wound Technology:** Unlike multilayer inductors, this part uses a fine copper wire wound around a ceramic/ferrite core. This construction offers much higher **Q-factors** (Quality Factor) and higher current handling capabilities. * **Termination:** Usually features gold or tin-plated end caps for reliable SMD (Surface Mount Device) soldering. --- ### 4. Common Applications This component is typically found in RF (Radio Frequency) and high-speed signal processing circuits: 1. **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer. 2. **Filtering:** Low-pass or Band-pass filters in mobile phones, Wi-Fi modules, and Bluetooth devices. 3. **Resonance:** Part of LC (Inductor-Capacitor) circuits for frequency tuning. 4. **Decoupling:** Filtering high-frequency noise from power supply lines in sensitive RF front-ends. --- ### 5. Pros and Cons | Advantages | Disadvantages | | :--- | :--- | | High Q-factor (efficiency) | Fragile due to miniature wire-winding | | High Self-Resonant Frequency | More expensive than multilayer inductors | | Excellent thermal stability | Subject to magnetic interference if not shielded |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CT0402LSF series?
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor in performance?
    • ⤷ What are the recommended soldering profiles for 0402 components?