전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CT0603CSF-R15M

  • AI
    ### CT0603CSF-R15M: Technical Overview The **CT0603CSF-R15M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is part of the 0603 series (imperial sizing), designed primarily for RF (Radio Frequency) and telecommunications applications where high Q factors and stable inductance are required. --- ### 1. Key Technical Specifications | Parameter | Value | Notes | | :--- | :--- | :--- | | **Inductance** | 0.15 µH (150 nH) | Measured at a specific test frequency. | | **Tolerance** | ±20% (M) | "M" suffix denotes the precision level. | | **Case Size** | 0603 (1608 Metric) | 1.6mm x 0.8mm footprint. | | **Self-Resonant Freq (SRF)** | ~950 MHz | The point where it ceases to be inductive. | | **DC Resistance (DCR)** | ~0.56 Ω (Max) | Resistance of the wire coil. | | **Rated Current (Idc)** | ~450 mA | Maximum continuous current allowable. | | **Core Material** | Ceramic | Non-magnetic; offers high SRF and Q. | --- ### 2. Breakdown of Part Numbering The nomenclature follows the standard industry convention for Central Technologies (CT) parts: 1. **CT**: Manufacturer Prefix (Central Technologies). 2. **0603**: Physical size (0.06 x 0.03 inches). 3. **CSF**: Series Code (Ceramic Surface Filter/Inductor, typically wire-wound). 4. **R15**: Inductance value (R represents the decimal point; $0.15\mu H = 150nH$). 5. **M**: Tolerance code ($\pm 20\%$). --- ### 3. Core Characteristics and Applications #### Characteristics * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design provides much higher $Q$ (Quality Factor) and higher current carrying capacity. * **Ceramic Core:** The use of a ceramic core ensures that the inductance remains stable across a wide temperature range and frequency spectrum, as ceramic has no magnetic saturation. * **Miniaturization:** The 0603 package is ideal for high-density PCB layouts. #### Common Applications * **RF Circuits:** Impedance matching in wireless transceivers. * **Filters:** High-pass, low-pass, and band-pass filters for communication devices. * **Signal Decoupling:** Used in power lines for RF modules to prevent noise interference. * **Mobile Tech:** Cellular phones, Wi-Fi modules, and Bluetooth devices. --- ### 4. Implementation Considerations ```c // Design Tip: Stray Capacitance // In high-frequency designs (>500MHz), ensure the PCB // trace width matches the component pad to minimize // parasitic capacitance that could shift the SRF. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect RF circuit performance?
    • ⤷ Can this inductor be substituted with a multilayer version of the same value?