CT1008LSC-R12K
AI

The **CT1008LSC-R12K** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications, RF circuits, and telecommunications equipment where precision and high quality factor ($Q$) are required.
### 1. Component Specifications
Below are the technical parameters for the CT1008LSC-R12K:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 120 nH (0.12 µH) | The nominal inductance value. |
| **Tolerance** | ±10% (K) | The allowable deviation from the nominal value. |
| **Case Size** | 1008 (EIA) | Physical dimensions: ~2.5mm x 2.0mm. |
| **Core Material** | Ceramic | Provides high stability and high Q at high frequencies. |
| **Max DC Current** | ~650 mA | The maximum continuous current the part can handle. |
| **Max DC Resistance** | 0.46 Ω | The internal resistance of the copper winding. |
| **SRF (Min)** | 1100 MHz | Self-Resonant Frequency; the limit of inductive behavior. |
---
### 2. Breakdown of the Part Number
The part number can be deciphered as follows:
* **CT**: Series prefix (typically Manufacturer specific, like Central Technologies).
* **1008**: Package size (Length 0.10" x Width 0.08").
* **LS**: Low Profile / Standard Shielding or winding style.
* **C**: Ceramic Core material.
* **R12**: Inductance value (R = decimal point; R12 = 0.12µH = 120nH).
* **K**: Tolerance code (K = ±10%).
---
### 3. Key Applications
Because this component uses a **ceramic core** rather than a ferrite core, it is optimized for high-frequency performance:
* **RF Tuning:** Used in resonant circuits for wireless communication.
* **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer.
* **Filtering:** High-pass or band-pass filters in GPS, Bluetooth, and WLAN modules.
* **Decoupling:** Minimizing noise in high-speed signal lines.
---
### 4. Mounting and Handling
* **Footprint:** Requires a standard 1008 land pattern.
* **Soldering:** Compatible with Reflow and Wave soldering processes.
* **Sensitivity:** Wire-wound inductors are sensitive to physical crushing; ensure pick-and-place nozzle pressure is calibrated.
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the Self-Resonant Frequency (SRF) affect the circuit performance?
- ⤷ Can I substitute a ±5% (J) tolerance part for this ±10% (K) part?