CT1008LSC-R33J
AI

The **CT1008LSC-R33J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF (Radio Frequency) circuits due to its high precision and excellent quality factor.
---
### 1. Part Number Breakdown
The part number follows a specific nomenclature used by manufacturers (typically Central Technologies or similar RF component specialists):
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CT** | Manufacturer Prefix | Central Technologies |
| **1008** | Case Size | 1.0 x 0.08 inches (approx. 2.5 x 2.0 mm) |
| **LS** | Series Type | Low Profile / Standard Wire-wound |
| **C** | Core Material | Ceramic Core (non-magnetic, high frequency) |
| **R33** | Inductance Value | **0.33 µH** (330 nH) |
| **J** | Tolerance | **±5%** |
---
### 2. Key Technical Specifications
Based on the standard datasheet for 1008-sized wire-wound ceramic inductors:
* **Inductance:** 0.33 µH (330 nH)
* **Tolerance:** ±5% (J grade)
* **Quality Factor (Q):** Usually >45 at a test frequency of 100 MHz.
* **Self-Resonant Frequency (SRF):** Typically around 600 MHz to 900 MHz (depends on specific manufacturer revisions).
* **DC Resistance (DCR):** Max 0.50 – 0.65 Ohms.
* **Rated Current:** Approximately 400 mA to 600 mA.
---
### 3. Physical Construction
* **Core Material:** Ceramic. This provides excellent thermal stability and a very high SRF, making it suitable for high-frequency applications where ferrite cores would saturate or lose efficiency.
* **Winding:** Wire-wound. This construction offers much higher "Q" factors and lower DCR compared to multilayer or thick-film inductors.
* **Termination:** Gold or Tin-plated pads for SMD soldering.
---
### 4. Applications
The CT1008LSC-R33J is primarily found in:
1. **RF Matching:** Tuning circuits for antennas in Wi-Fi or Bluetooth modules.
2. **Filter Circuits:** Used in Band-pass or Low-pass filters for signal processing.
3. **Oscillators:** Providing stable inductance for VCOs (Voltage Controlled Oscillators).
4. **Telecommunications:** High-speed data transmission equipment.
---
### 5. Equivalent/Alternative Parts
If this specific part is unavailable, engineers often look at:
* **Coilcraft:** 1008CS-331XJLC
* **Murata:** LQW2UASR33J00L
* **Bourns:** CW252016-R33J
- ⤷What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the 'Q factor' affect RF circuit performance?
- ⤷ Can I substitute a 1008 size inductor with a 0805 size if the inductance is the same?