CT1008LSC-R56J
AI

## Overview of CT1008LSC-R56J
The **CT1008LSC-R56J** is a surface-mount (SMD) wire-wound ceramic core inductor. It belongs to the 1008 series of chip inductors, which are commonly used in high-frequency applications due to their high quality factor (Q) and excellent self-resonant frequencies.
---
### Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 560 nH (0.56 µH) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Case Size** | 1008 (2.5mm x 2.0mm) |
| **Core Material** | Ceramic |
| **Max DC Current (Idc)** | 400 mA |
| **Max DC Resistance (DCR)** | 1.33 Ω |
| **Min Quality Factor (Q)** | 45 at 50 MHz |
| **Self-Resonant Frequency (SRF)** | 415 MHz |
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying the specific attributes of the component:
* **CT**: Manufacturer/Series prefix (Central Technologies).
* **1008**: Package size (0.10 inches x 0.08 inches).
* **LS**: Indicates the specific winding and core style (Low Profile / Wire-wound).
* **C**: Ceramic core material (ideal for RF applications).
* **R56**: Nominal Inductance value (R represents the decimal point; R56 = 0.56 µH = 560 nH).
* **J**: Tolerance code (J = ±5%).
---
### Key Applications
Because this inductor utilizes a **ceramic core**, it does not saturate like ferrite cores, making it highly stable across various temperatures and currents. Common uses include:
1. **RF Circuits:** Matching networks and filters in wireless communication devices.
2. **Impedance Matching:** Used in Bluetooth, Wi-Fi, and GPS modules.
3. **High-Frequency Oscillators:** Maintaining stability in signal generation.
4. **Signal Isolation:** Decoupling high-frequency noise in sensitive analog stages.
---
### Physical Dimensions (1008 Metric 2520)
```text
Length (L): 2.50 mm (±0.2mm)
Width (W): 2.00 mm (±0.2mm)
Height (H): 1.60 mm (±0.2mm)
```
- ⤷
What are the main differences between a ceramic core and a ferrite core inductor?
- ⤷ Can this inductor be used in high-power power supply applications?
- ⤷ How does the 'Q factor' affect the performance of this part in an RF filter?