전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTC1F-R33M

  • AI
    ### Electronic Component Overview: CTC1F-R33M The **CTC1F-R33M** is a surface-mount (SMD) fixed inductor, typically used in high-frequency applications and power management circuits. It belongs to a family of molded chip inductors designed for high reliability and space efficiency. --- ### Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Package / Case** | 1210 (3225 Metric) | | **DCR (Max)** | 0.13 Ω (Direct Current Resistance) | | **Rated Current** | ~500mA - 700mA (Depending on thermal conditions) | | **Operating Temp** | -40°C to +85°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### Key Features and Construction 1. **Molded Construction:** The internal coil is encapsulated in a hard resin or ceramic body, providing excellent mechanical strength and resistance to humidity and environmental factors. 2. **Compact Footprint:** The 1210 case size allows for high-density placement on Printed Circuit Boards (PCBs). 3. **Frequency Characteristics:** Due to its low inductance value (0.33 µH), this part is suitable for high-frequency filtering and decoupling. 4. **Terminations:** Usually features solder-plated end-caps for reliable surface mount soldering. --- ### Common Applications * **Filtering:** Used in LC filters to remove high-frequency noise from power lines. * **Decoupling:** Placed near IC power pins to stabilize voltage and prevent interference. * **DC-DC Converters:** Acts as an energy storage element in low-power buck or boost converters. * **Signal Processing:** Utilized in RF circuits and communication equipment for impedance matching or signal filtering. --- ### Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **CTC1F** | Series identifier (Molded Chip Inductor) | | **R33** | Inductance value (R represents the decimal point: 0.33 µH) | | **M** | Tolerance code (M = ±20%, K = ±10%, J = ±5%) |
    ✨ Follow-up Questions
    • ⤷ What is the Self-Resonant Frequency (SRF) for this specific inductor?
    • ⤷ Can you provide a comparison between the CTC1F series and the CTC2F series?
    • ⤷ What are the recommended soldering profiles for 1210 SMD inductors?