전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTC3F-R39M

  • AI
    The **CTC3F-R39M** is a specific electronic component belonging to the family of **Fixed Inductors** (specifically Axial Leaded Inductors). These are commonly used in power management and signal filtering circuits. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (Axial) | | **Inductance** | 0.39 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M' at the end of the part number) | | **Package/Case** | Axial Lead (Cylindrical) | | **Core Material** | Ferrite | | **Coating** | Epoxy Resin (usually green or blue) | --- ### 2. Key Characteristics * **Axial Design:** The "3F" series typically refers to the physical size and construction. The axial lead configuration means it has wire leads coming out of both ends, making it suitable for **Through-Hole Technology (THT)** on printed circuit boards. * **Low Inductance:** At 0.39 µH, this inductor is designed for high-frequency applications where low reactance is required. * **Color Coding:** Like resistors, these often use color bands to denote value and tolerance, though the "R39M" printing is the direct alphanumeric identification. --- ### 3. Common Applications Inductors like the CTC3F-R39M are fundamental in the following scenarios: 1. **Noise Filtering:** Used in EMI/RFI filtering to prevent high-frequency noise from entering or leaving a circuit. 2. **Decoupling:** Placed in power supply lines to smooth out current fluctuations. 3. **RF Circuits:** Due to its low inductance value, it is often found in radio frequency (RF) oscillators or tuning circuits. 4. **DC-DC Converters:** Acts as an energy storage element in small power conversion modules. --- ### 4. Identification Code Breakdown | Segment | Meaning | | :--- | :--- | | **CTC3F** | Series designation (Physical dimensions and current rating) | | **R39** | Value: "R" acts as a decimal point. 0.39 µH | | **M** | Tolerance: M = ±20% (K would be ±10%, J would be ±5%) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CTC3F series?
    • ⤷ How does a ferrite core affect the performance of this inductor?
    • ⤷ What are the standard color codes for a 0.39 µH inductor?