전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTC4F-R18M

  • AI
    The **CTC4F-R18M** is a specific electronic component belonging to the **Fixed Inductor** (Choke) category, typically manufactured by companies like Central Technologies. It is an axial-leaded, conformal coated inductor designed for general-purpose filtering and decoupling applications. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the CTC4F-R18M: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.18 µH | | **Tolerance** | ±20% (indicated by 'M' suffix) | | **Q Factor (Min)** | 35 | | **Self-Resonant Frequency (Min)** | 450 MHz | | **DC Resistance (Max)** | 0.080 Ohms | | **Rated DC Current** | 1100 mA (1.1A) | | **Package Type** | Axial Leaded (Thru-hole) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's performance limits: * **CTC4F**: The series designation (Conformal Coated Inductors). * **R18**: Represents the inductance value. The "R" acts as a decimal point ($0.18$ microhenries). * **M**: Represents the tolerance code. In the EIA standard, **M = ±20%**. --- ### 3. Key Electronic Functions The CTC4F-R18M performs several critical roles within a circuit: 1. **Noise Suppression:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass. 2. **Energy Storage:** Like all inductors, it stores energy in a magnetic field when current flows through it. 3. **Decoupling:** Used in power supply lines to prevent fluctuations in voltage from affecting sensitive components. 4. **Signal Conditioning:** Used in RF (Radio Frequency) circuits to tune specific frequencies due to its high self-resonant frequency. --- ### 4. Implementation Example In a basic circuit design, this inductor might be used in a Pi-filter configuration to clean up a DC power rail. ```cpp // Schematic representation of a Power Filter using CTC4F-R18M [DC Source] --- [Capacitor C1] --- [Inductor L1: CTC4F-R18M] --- [Capacitor C2] --- [Load] | (GND) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 'M' and 'K' tolerance versions of this inductor?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the physical dimensions for PCB footprint planning?